Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4257CS8-1 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4257CS8-1
Description  Power over Ethernet Interface Controller with Dual Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8-1 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4257CS8-1 Datasheet HTML 9Page - Linear Technology LTC4257CS8-1 Datasheet HTML 10Page - Linear Technology LTC4257CS8-1 Datasheet HTML 11Page - Linear Technology LTC4257CS8-1 Datasheet HTML 12Page - Linear Technology LTC4257CS8-1 Datasheet HTML 13Page - Linear Technology LTC4257CS8-1 Datasheet HTML 14Page - Linear Technology LTC4257CS8-1 Datasheet HTML 15Page - Linear Technology LTC4257CS8-1 Datasheet HTML 16Page - Linear Technology LTC4257CS8-1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4257-1
13
42571fa
APPLICATIO S I FOR ATIO
the overtemperature trip point. When the die cools down
below the trip point, classification current is enabled again.
If the PD is designed to operate at a high ambient tempera-
ture and with the maximum allowable supply (57V), there
will be a limit to the size load capacitor that can be charged
up before the LTC4257-1 reaches the overtemperature trip
point. Hitting the overtemperature trip point intermittently
does not harm the LTC4257-1, but it will delay completion
of capacitor charging. Capacitors up to 200
µF can be
charged without a problem.
EXTERNAL INTERFACE AND COMPONENT SELECTION
Transformer
Nodes on an Ethernet network commonly interface to the
outside world via an isolation transformer (Figure 8). For
powered devices, the isolation transformer must include
a center tap on the media (cable) side. Proper termination
is required around the transformer to provide correct
impedance matching and to avoid radiated and conducted
emissions. Transformer vendors such as Pulse, Bel Fuse,
Tyco and others (Table 3) can provide assistance with
selection of an appropriate isolation transformer and
proper termination methods. These vendors have trans-
formers specifically designed for use in PD applications.
Table 3. Power over Ethernet Transformer Vendors
VENDOR
CONTACT INFORMATION
Pulse Engineering
12220 World Trade Drive
San Diego, CA 92128
Tel: 858-674-8100
FAX: 858-674-8262
http://www.pulseeng.com/
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel: 201-432-0463
FAX: 201-432-9542
http://www.belfuse.com/
Tyco Electronics
308 Constitution Drive
Menlo Park, CA 94025-1164
Tel: 800-227-7040
FAX: 650-361-2508
http://www.circuitprotection.com/
Diode Bridges
IEEE 802.3af allows power wiring in either of two configu-
rations on the TX/RX wires, plus power can be applied to
the PD via the spare wire pair in the RJ45 connector. The
PD is required to accept power in either polarity on both
the main and spare inputs; therefore, it is common to
install diode bridges on both inputs in order to accommo-
date the different wiring configurations. Figure 8 demon-
strates an implementation of these diode bridges. The
specification also mandates that the leakage back through
the unused bridge be less than 28
µA when the PD is
powered with 57V.
Figure 8. PD Front End with Isolation Transformer, Diode Bridges and Capacitor
16
14
15
1
3
2
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
PULSE H2019
42571 F08
1
7
8
5
4
11
9
10
6
8
7
D3
SMAJ58A
TVS
BR1
DF01SA
BR2
DF01SA
TO PHY
GND
8
5
4
LTC4257-1
C1
VIN
VOUT
VOUT
SPARE –
SPARE+
C14
0.1
µF
100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com