Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4257CS8-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4257CS8-1
Description  Power over Ethernet Interface Controller with Dual Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4257CS8-1 Datasheet HTML 1Page - Linear Technology LTC4257CS8-1 Datasheet HTML 2Page - Linear Technology LTC4257CS8-1 Datasheet HTML 3Page - Linear Technology LTC4257CS8-1 Datasheet HTML 4Page - Linear Technology LTC4257CS8-1 Datasheet HTML 5Page - Linear Technology LTC4257CS8-1 Datasheet HTML 6Page - Linear Technology LTC4257CS8-1 Datasheet HTML 7Page - Linear Technology LTC4257CS8-1 Datasheet HTML 8Page - Linear Technology LTC4257CS8-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4257-1
2
42571fa
1
2
3
4
8
7
6
5
TOP VIEW
GND
SIGDISA
PWRGD
VOUT
NC
RCLASS
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
Voltage with Respect to GND Pin (Notes 4, 5, 6)
Maximum Operating Voltage
q
–57
V
Signature Range
q
– 1.5
– 9.5
V
Classification Range
q
– 12.5
– 21
V
UVLO Turn-On Voltage
q
– 34.8
–36.0
– 37.2
V
UVLO Turn-Off Voltage
q
– 29.3
–30.5
– 31.5
V
IIN_ON
IC Supply Current when ON
VIN = – 48V, Pins 5, 6, 7 Floating
q
3mA
IIN_CLASS
IC Supply Current During Classification VIN = – 17.5V, Pins 2, 7 Floating, VOUT Tied to GND
q
0.35
0.50
0.65
mA
(Note 7)
∆ICLASS
Current Accuracy During Classification 10mA < ICLASS < 40mA, – 12.5V ≤ VIN ≤ – 21V,
q
±3.5
%
(Notes 8, 9)
RSIGNATURE
Signature Resistance
–1.5V
≤ VIN ≤ –9.5V, VOUT Tied to GND,
q
23.25
26.00
k
Ω
IEEE 802.3af 2-Point Measurement (Notes 4, 5)
RINVALID
Invalid Signature Resistance
– 1.5V
≤ VIN ≤ –9.5V, SIGDISA and VOUT
q
9
11.8
k
Ω
Tied to GND, IEEE 802.3af 2-Point Measurement
(Notes 4, 5)
VIH
Signature Disable
With Respect to VIN,
High Level Input Voltage
High Level Invalidates Signature (Note 10)
q
357
V
VIL
Signature Disable
With Respect to VIN,
Low Level Input Voltage
Low Level Enables Signature
q
0.45
V
(Notes 1, 2)
VIN Voltage ............................................. 0.3V to – 100V
VOUT, SIGDISA,
PWRGD Voltage ...................... VIN + 100V to VIN – 0.3V
RCLASS Voltage ............................ VIN + 7V to VIN – 0.3V
PWRGD Current .................................................. 10mA
RCLASS Current .................................................. 100mA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 150°C/W
PACKAGE/ORDER I FOR ATIO
Operating Ambient Temperature Range
LTC4257C-1 ............................................ 0
°C to 70°C
LTC4257I-1 ......................................... –40
°C to 85°C
Storage Temperature Range
S8 Package ....................................... – 65
°C to 150°C
DD Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NC
RCLASS
NC
VIN
GND
SIGDISA
PWRGD
VOUT
ORDER PART
NUMBER
S8 PART MARKING
42571
4257I1
LTC4257CS8-1
LTC4257IS8-1
ORDER PART
NUMBER
DD PART MARKING
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD TO BE SOLDERED TO
ELECTRICALLY ISOLATED PCB HEATSINK
LBFZ
LTC4257CDD-1
LTC4257IDD-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com