Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9904B Datasheet(PDF) 4 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 4 Page - Sames

  SA9904B Datasheet HTML 1Page - Sames SA9904B Datasheet HTML 2Page - Sames SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
sames
SA9904B
http://www.sames.co.za
FUNCTIONAL DESCRIPTION
The SA9904B is a CMOS mixed signal Analog/Digital integrated
circuit, which performs the measurement of active power,
reactive power, RMS voltage and mains frequency. The
integrated circuit includes all the required functions for three-
phase power and energy measurement such as oversampling
A/D converters for the voltage and current sense inputs, power
calculation and energy integration.
and R2 on current channel 1, resistors R3 and R4 on current
channel 2 and resistors R5 and R6 on current channel 3, define
the current levels into the SA9904B current sense inputs. The
current sense inputs saturates at ±25µA peak. Resistors Rsh1,
Rsh2 and Rsh3 are the current transformer termination
resistors. The voltage drop across the termination resistors
should be at least 20mV but not higher than 200mV. The ideal
value should be approximately 100mV at rated conditions.
Values for the current sense inputs are calculated as follows:
R = R = ( /
)xRsh/2
12
I
16µA
R = R = (I / 16µA
) x Rsh / 2
R = R = (I / 16µA
) x Rsh / 2
L
RMS
3
4
L
RMS
5
6
L
RMS
Figure 3:
Typical architecture of an energy meter using the
SA9904B
The SA9904B integrates instantaneous active and reactive
power into 24 bit registers. RMS voltage and frequency are
continuously measured and stored in the respective registers.
The mains voltage zero crossover is available on the F50 output.
The SPI interface of the SA9904B has a tri-state output that
allows connection of more than one metering device on a single
SPI bus.
The input circuitry of the current and voltage sensor inputs is
illustrated in figure 4. These inputs are protected against
electrostatic discharge through clamping diodes. The feedback
loops from the outputs of the amplifiers A and A generate
virtual shorts on the signal inputs. Exact duplications of the input
currents are generated for the analog signal processing
circuitry. The current and voltage sense inputs are identical.
Both inputs are differential current driven up to ±25µA peak. One
of the voltage sense amplifier input terminals is internally
connected to GND. This is possible because the voltage sense
input is much less sensitive to externally induced parasitic
signals compared to the current sense inputs.
At rated current (I
) the resistor values should be selected for
input currents of 16µA
. Referring to figure 5, the resistors R1
INPUT SIGNALS
Analog Input Configuration
Current Sense Inputs (IIN1, IIP1, IIN2, IIP2, IIN3, IIP3)
IV
RMS
MAX
Figure 4: Analog input internal configuration
VOLTAGE
SENSOR
INPUT
IVP
DR-01288
SS
V
CURRENT
SENSOR
INPUTS
IIP
IIN
SS
V
VDD
SS
V
VDD
DD
V
GND
A V
A I
Figure 5: Current sense input configuration
Voltage
Sensing
Power
Supply
SA9904B
Active Energy
Reactive Energy
V
and
Frequency
Measurements
RMS
Calibration LED
Micro-
Controller
LCD
EEPROM
SPI
NL1
L2 L3
A micro-controller in addition to communicating
with the SA9904B is used to read/write
parameters to the EEPROM, output pulses for
fast calibration and to display the consumed
active and reactive power, Vrms and mains
frequency information. Other parameters such
as Irms, phase angle etc. can be accurately
calculated.
Dr-01643
R1
R2
R3
R4
R5
R6
CH1In
CH2 In
Ch3 In
Rsh1
CT1
CT2
CT3
Rsh2
Rsh3
GND
GND
GND
CH3 Out
CH2 Out
CH1 Out
IIP1
IIN1
IIP2
IIN2
IIP3
IIN3
Neutral
GND
SA9904B
IMAX
IMAX
IMAX
16µA
RMS
16µA
RMS
16µA
RMS
> 20mV
RMS
> 20mV
RMS
> 20mV
RMS
Dr-01644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com