Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9904B Datasheet(PDF) 6 Page - Sames

Part # SA9904B
Description  Three Phase Power Energy IC with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9904B Datasheet(HTML) 6 Page - Sames

Back Button SA9904B Datasheet HTML 2Page - Sames SA9904B Datasheet HTML 3Page - Sames SA9904B Datasheet HTML 4Page - Sames SA9904B Datasheet HTML 5Page - Sames SA9904B Datasheet HTML 6Page - Sames SA9904B Datasheet HTML 7Page - Sames SA9904B Datasheet HTML 8Page - Sames SA9904B Datasheet HTML 9Page - Sames SA9904B Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
SA9904B
6/12
http://www.sames.co.za
Figure 8: SPI waveforms
and the SCK pin of the SA9904B. The DI and DO pins are the
serial data input and output pins for the SA9904B, respectively.
Table 1 lists the various register addresses. The SA9904B
contains nine 24 bit- registers representing the active energy,
reactive energy and the mains voltage for each phase. A tenth
24 bit register represents the mains frequency for any valid
phase. To remain compatible with the SA9604A three
addresses have been included. Any of the three addresses can
be used to access the frequency register.
Register Access
ID
1
2
3
4
5
6
7
8
9
10
11
12
Register
Active Phase 1
Reactive Phase 1
Voltage Phase 1
Frequency
Active Phase 2
Reactive Phase 2
Voltage Phase 2
Frequency
Active Phase 3
Reactive Phase 3
Voltage Phase 3
Frequency
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
A5
X
X
X
X
X
X
X
X
X
X
X
X
A4
X
X
X
X
X
X
X
X
X
X
X
X
A3
0
0
0
0
0
0
0
0
1
1
1
1
A2
0
0
0
0
1
1
1
1
0
0
0
0
A1
0
0
1
1
0
0
1
1
0
0
1
1
A0
0
1
0
1
0
1
0
1
0
1
0
1
Header
bits
The 9 bits needed for register addressing can be padded with
leading zeros when the micro-controller requires a 8 bit SPI
word length. The following sequence is valid:
Figure 8 shows the SPI waveforms and figure 9 the timing
information. After the least significant digit of the address has
been entered on the rising edge of SCK, the output DO goes
low with the falling edge of SCK. Each subsequent falling edge
transition on the SCK pin will validate the next data bit on the
DO pin.
The content of each register consists of 24 bits of data. The
MSB is shifted out first.
Data format
10
11
12
13
14
15
987654321 0
0000000110 A5 A4 A3 A2A1 A0
1
1
A5
A0
A1
A2
A3
A4
0
D23
D22
D21
D1
D0
D23
D22
D1
D0
DO
DI
SCK
CS
Read command
Register address
Register Data
Next data register
High impedance
0
Dr-01647
The header bits 110 (0x06) must precede the 6-bit address of the
register being accessed. When CS is HIGH, data on pin DI is
clocked into the SA9904B on the rising edge of SCK. Figure 8
shows the data clocked into DI comprising of 110A5A4A3A2
A1 A0. Address locations A5 and A4 are included for
compatibility with future developments.
Registers may be read individually and in any order. After a
register has been read, the contents of the next register value
will be shifted out on the DO pin with every SCK clock cycle. Data
output on DO will continue until CS is inactive.
t1
t5
t3
SCK
DI
DO
CS
DR-01545
t4
t2
Parameter
t1
t3
t4
t2
t5
Max
1.160µs
Min
625ns
625ns
625ns
20ns
625ns
Description
SCK rising edge to DO valid
SCK min high time
SCK min low time
Setup time for DI and CS
before the rising edge of SCK
DI hold time
Figure 9: SPI Timing diagrams with timing information
Table 1: Register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com