Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4354ADR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4354ADR2G
Description  Secondary Side SMPS OFF Mode Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4354ADR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4354ADR2G Datasheet HTML 5Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 6Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 9Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 10Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 11Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 12Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP4353, NCP4354
www.onsemi.com
9
TYPICAL CHARACTERISTICS
3.5
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
Figure 21. Voltage OTA Current Sink
Capability in Regulation
−40
−20
0
20
40
60
80
100
120
2.0
TJ, JUNCTION TEMPERATURE (°C)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
Figure 22. Voltage OTA Current Sink
Capability in OFF Mode
3.5
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
Figure 23. Current OTA Current Sink
Capability
−40
−20
0
20
40
60
80
100
120
1.40
TJ, JUNCTION TEMPERATURE (°C)
1.30
1.20
1.10
1.00
0.90
0.80
Figure 24. LED Switching Frequency at
VCC = 15 V
100
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
90
80
70
60
50
40
30
Figure 25. RSW2 at VCC = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com