Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4354ADR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4354ADR2G
Description  Secondary Side SMPS OFF Mode Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4354ADR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4354ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 9Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 10Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 11Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 12Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 13Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 14Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP4353, NCP4354
www.onsemi.com
11
is discharged through a fixed load, by R8 and R9 faster than
output voltage on C1.
Once OFFDET pin voltage is lower than VOFFDETTH (this
threshold is derived from VOUT), OFF mode is detected. In
OFF mode SW1 is switched on to allow IDRIVEOFF current,
going through ON/OFF pin (NCP4354B) or DRIVE pin, to
keep switch off primary controller.
A higher sink current on primary FB pin is needed to keep
primary controller FB below the skip level until the OFF
mode is detected on primary side.
Despite output voltage on C1 may go down, the current
IBIASV injected into VSNS pin provides the requested offset
(VSNS voltage is higher than VREF). Primary IC should
detect OFF mode before VSNS is lower than 90% of VREF
while IBIASV is switched off to reduce consumption.
This offset, defined by R7 and the internal current source,
should be large enough to secure off mode detection of the
primary controller and avoid restart when VSNS < VREF.
Minimum Output Voltage Detection (Except
NCP4353A)
Minimum output voltage level defines primary controller
restart from OFF mode. It can be set by shared voltage
divider with voltage regulation loop. When VMIN voltage
drops below VREFM, OFF mode is ended and primary
controller restarts.
Minimum voltage level is given by Equation 5 for divider
type 1
V
MIN + VREF
R4
) R5 ) R6
R6
(eq. 5)
and for type 2 by Equation 6.
V
MIN + VREF
R4
) R5 ) R6
R5
) R6
(eq. 6)
NCP4353A has no external adjustment and uses the
internal minimum voltage level specified by minimum
falling operation supply voltage.
LED Driver (NCP4354x only)
LED driver is active when VCC is higher than VCCMIN
and output voltage is in regulation (driver is off in OFF
mode). LED driver consists of an internal power switch
controlled by a PWM modulated logic signal and an external
current limiting resistor R3. LED current can be computed
by Equation 7.
I
LED +
V
OUT * VF_LED
R3
(eq. 7)
PWM modulation is used to increase efficiency of LED.
Operation in OFF Mode Description
Operation waveforms in off mode and transition into OFF
mode with NCP1246 primary controller are shown in
Figure 31.
Figure shows waveforms from the first start (1) of the
convertor. At first, primary controller’s DSS charges VCC
capacitor over the UVLO level (2). When primary VCC is
over UVLO level (3), primary controller starts to operate.
VCC capacitor is charged above DSS level from auxiliary
winding, VOUT is slowly rising according to primary
controller start up ramp to nominal voltage (4).
Primary FB pin voltage is above regulation range until
VOUT is at set level. Once VOUT is at set level, the secondary
controller starts to sink current from optocoupler LED’s and
primary FB voltage is stabilized in regulation region. With
nominal output power (without skip mode) OFFDET pin
voltage is higher than VOFFDETTH (typically 10% of VCC).
After some time, the load current decreases to low level
(5) and primary convertor uses skip mode (6) to keep
regulation of output voltage at set level. The skip mode
consists of few switching cycles followed by missing ones
to provide limited energy by light load. The number of
missing cycles allows regulation for any output power.
While both C1 and C2 are discharged during the missing
cycles, C2 discharge will be faster than C1 without output
current, VOFFDET drops below VOFFDETTH and OFF mode
is detected (7). This situation is shown in Figure 30 in detail.
When OFF mode is detected, internal pull−up current
IBIASV is switch on (7), VSNS voltage increases (due to
IBIASV) and voltage amplifier sinks full current to keep
primary FB voltage below skip level until OFF mode is
detected by the primary side controller (8). Current into
ONOFF pin or DRIVE pin begins to flow at the same time,
when entering into OFF mode (7). When OFF mode is
detected by primary side controller (8a), primary FB
injected current decreases to a lower level to reduce overall
power consumption. Optocoupler current, can also be
reduced from that time to keep the level below restart level.
Secondary side controller decreases optocoupler current
(voltage transconductance amplifier stops to sink current)
when VSNS voltage drops below VREF (9) and IBIASV is
also switch off when VSNS is lower than 90% of VREF to
reduce overall consumption. This point is defined by IBIASV
current, R6, R4 and R5 resistors and discharging time of
output capacitor C1. Discharging of C1 continues (10) until
output voltage drops below level set by voltage divider at
VMIN pin (except NCP4353A where minimum VOUT is
defined only by VCC UVLO) (11). ONOFF current stops
and thanks to internal pull−up, the primary FB voltage rises
above restart level (12) and primary controller starts
switching (13). Output capacitor C1 is recharged (14) to set
voltage. If there is still light load condition primary
controller goes to skip mode (15) again and after some time
secondary controller detects OFF mode by very light or no
load condition (16) and whole cycle is repeated.
Fast Restart From OFF Mode
The IC ends OFF mode when a load is connected to the
output and VOUT is discharged to VMIN level. There exists
another connection that allows transition to normal mode
faster without waiting some time for VOUT to discharge to
VMIN. This schematic is shown at Figure 32. The basic idea
is that C3 is discharged by the IC faster than C1 by output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com