Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9118 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 5Page - STMicroelectronics STV9118 Datasheet HTML 6Page - STMicroelectronics STV9118 Datasheet HTML 7Page - STMicroelectronics STV9118 Datasheet HTML 8Page - STMicroelectronics STV9118 Datasheet HTML 9Page - STMicroelectronics STV9118 Datasheet HTML 10Page - STMicroelectronics STV9118 Datasheet HTML 11Page - STMicroelectronics STV9118 Datasheet HTML 12Page - STMicroelectronics STV9118 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
STV9118
9/46
6 - ABSOLUTE MAXIMUM RATINGS
All voltages are given with respect to ground.
Currents flowing from the device (sourced) are signed negative. Currents flowing to the device are signed
positive.
The value ranges must be absolutely respected, any excess thereof may cause permanent damage to the
device.
Symbol
Parameter
Value
Unit
Min
Max
VCC
Supply voltage (pin Vcc)
-0.4
13.5
V
V(pin)
Pins HEHTIn, VEHTIn, XRay, HOut, BOut
Pins H/HVSyn, VSyn, SCL, SDA
Pins HLckVBk, CO, RO, HPLL1F, HPosF, HMoiré, BRegIn, BI-
Sense, VAGCCap, VCap, VDyCor, HOscF, VOscF
Pin HPLL2C
Pin HFly
-0.4
-0.4
-0.4
-0.4
-0.4
VCC
5.5
VRefO
VRefO/2
VRefO
V
V
V
V
V
I(pin)
Pin HMoiré
Pins other than HMoiré
-200
-200
100
200
mA
mA
VESD
ESD susceptibility
(human body model: discharge of 100pF through 1.5k
Ω)
-2000
2000
V
Tstg
Storage temperature
-40
150
°C
Tj
Junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com