Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9118 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 6Page - STMicroelectronics STV9118 Datasheet HTML 7Page - STMicroelectronics STV9118 Datasheet HTML 8Page - STMicroelectronics STV9118 Datasheet HTML 9Page - STMicroelectronics STV9118 Datasheet HTML 10Page - STMicroelectronics STV9118 Datasheet HTML 11Page - STMicroelectronics STV9118 Datasheet HTML 12Page - STMicroelectronics STV9118 Datasheet HTML 13Page - STMicroelectronics STV9118 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
STV9118
10/46
7 - ELECTRICAL PARAMETERS AND OPERATING CONDITIONS
The medium (middle) value of an I2C Bus control
or adjustment register composed of bits D0,
D1,...,Dn is the one having Dn at "1" and all other
bits at "0". The minimum value is the one with all
bits at 0, maximum value is the one with all at "1".
Currents flowing from the device (sourced) are
signed negative. Currents flowing to the device are
signed positive.
TH is the period of horizontal deflection.
7.1 - THERMAL DATA
7.2 - SUPPLY AND REFERENCE VOLTAGES
Tamb = 25°C
7.3 - SYNCHRONIZATION INPUTS
Vcc = 12V, Tamb = 25°C
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Tamb
Operating ambient temperature
0
70
°C
Rth(j-a)
Junction-ambience thermal resistance
65
°C/W
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
VCC
Supply voltage at Vcc pin
10.8
12
13.2
V
ICC
Supply current to Vcc pin
VCC = 12V
65
mA
VRefO
Reference output voltage at RefOut pin
VCC = 12V, IRefO= -2mA
7.65
7.9
8.2
V
IRefO
Current sourced by RefOut output
-5
0
mA
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
VLoH/HVSyn
LOW level voltage on H/HVSyn
0
0.8
V
VHiH/HVSyn
HIGH level voltage on H/HVSyn
2.2
5
V
VLoVSyn
LOW level voltage on VSyn
0
0.8
V
VHiVSyn
HIGH level voltage on VSyn
2.2
5
V
RPdSyn
Internal pull-down on H/HVSyn, VSyn
100
175
250
k
Ω
tPulseHSyn
H sync. pulse duration on H/HVSyn pin
0.5
µs
tPulseHSyn/TH
Proportion of H sync pulse to H period
Pin H/HVSyn
0.2
tPulseVSyn
V sync. pulse duration
Pins H/HVSyn, VSyn
0.5
750
µs
tPulseVSyn/TV
Proportion of V sync pulse to V period
Pins H/HVSyn, VSyn
0.15
textrV/TH
Proportion of sync pulse length to H peri-
od for extraction as V sync pulse
Pin H/HVSyn,
cap. on pin CO = 820pF
0.21
0.3
tHPolDet
Polarity detection time (after change)
Pin H/HVSyn
0.75
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com