Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9556 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV9556
Description  7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9556 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV9556 Datasheet HTML 10Page - STMicroelectronics STV9556 Datasheet HTML 11Page - STMicroelectronics STV9556 Datasheet HTML 12Page - STMicroelectronics STV9556 Datasheet HTML 13Page - STMicroelectronics STV9556 Datasheet HTML 14Page - STMicroelectronics STV9556 Datasheet HTML 15Page - STMicroelectronics STV9556 Datasheet HTML 16Page - STMicroelectronics STV9556 Datasheet HTML 17Page - STMicroelectronics STV9556 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
STV9556
14/24
10.4
Video response optimization: schematics in DC-coupling mode
The dynamic video response is optimized by carefully designing the supply decoupling of the video board
(see Section 10.7), the tracks (see Section 10.7), then by adjusting the input/output component network
(see Section 10.5).
For dynamic measurements such as rise/fall time and bandwidth, a 8pF load is used (total load including
the parasitic capacitance of the PC board and CRT Socket).
When used in kit with the STV921x preamplifier from ST, the preamplifier bandwidth register (BW, register
13) must be set to minimum (o dec) for an application with tR/tF>5.5ns.
Figure 17. Video response optimization for one channel - DC coupling application
C11
4.7
µF
R10
L1
R11
CRT
OUT
VCC
STV9556
IN
110
Ω
110
Ω
0.33
µH
VREF
C10(*)
100nF
-
+
R1(**)
51
Ω
C1
1.5nF
Reference
OUT
C2
10pF
R1
82
Ω
L1
0.33
µH
Input Network #2
C2
10pF
R1
33
Ω
Input Network #3
IN
IN
C24
4.7
µF
VDD
C12(*)
100nF
R19(***)
33-40
Ω
2 other Input Networks (Network #2 and #3 below) can be used in replacement of the reference Input Network #1.
C2
15pF
Caution: For Application with Tr/Tf>5.5ns, the PreAmplifier bandwidth register (BW, Register 13)
must be set to minimum value (0 dec)
(*): To be connected as close as possible to the device
(**): R1 must be not be higher than 100Ω
(***): R19 must be mandatorily used
See Application note AN1510 for complete description.
Input Network #1
VDD
GNDP
GNDS
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com