Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9556 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV9556
Description  7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9556 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV9556 Datasheet HTML 13Page - STMicroelectronics STV9556 Datasheet HTML 14Page - STMicroelectronics STV9556 Datasheet HTML 15Page - STMicroelectronics STV9556 Datasheet HTML 16Page - STMicroelectronics STV9556 Datasheet HTML 17Page - STMicroelectronics STV9556 Datasheet HTML 18Page - STMicroelectronics STV9556 Datasheet HTML 19Page - STMicroelectronics STV9556 Datasheet HTML 20Page - STMicroelectronics STV9556 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STV9556
17/24
10.9
Stand-by mode, spot suppression
The usual way to set a monitor in stand-by mode is to switch-off the Vcc (12V).
The STV9556 has an extremely low power consumption (IDDS = 60µA when VCC<1.5V) in stand-by mode
and the outputs are set to low level (white picture).
To avoid the display of a spot effect during the switch-off phase, it is necessary to adjust the G1 circuitry
(Resistors Rx and Cx, see Figure 19) to pull the G1 voltage to low value for a long enough period of time.
Figure 19. Stand-by mode, spot effect
Rx
Cx
Typical G1 generator circuitry
Case #2: High Rx.Cx
Case #1: Low Rx.Cx
G1
A spot might appear during
No spot effect
the switch-off phase
EHT
(27kV)
Cathode
G1
R1
-120V
-30V
0V
-30V
-120V
+80V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com