Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAP1114 Datasheet(PDF) 44 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 40Page - SMSC Corporation CAP1114 Datasheet HTML 41Page - SMSC Corporation CAP1114 Datasheet HTML 42Page - SMSC Corporation CAP1114 Datasheet HTML 43Page - SMSC Corporation CAP1114 Datasheet HTML 44Page - SMSC Corporation CAP1114 Datasheet HTML 45Page - SMSC Corporation CAP1114 Datasheet HTML 46Page - SMSC Corporation CAP1114 Datasheet HTML 47Page - SMSC Corporation CAP1114 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
44
SMSC CAP1114
DATASHEET
6.4.1
Absolute Position
The absolute position of a single touch is available from this register. By interpolating information from
up to 3 adjacent buttons, 16 different positions are calculated by the CAP1114 from the center of one
button to the center of each adjacent button. The bits will encode a range from 2 to 98 indicative of
where the touch occurred. Table 6.6 shows an example of the settings assuming a single button is
pressed.
If a slide is detected on the Grouped sensors, the POS[6:0] bits will indicate the most recently touched
sensor (i.e. where the slide ended) however will not indicate where the slide originated.
APPLICATION NOTE: The register will be cleared to a value of 00h when it is read. It will be set to a valid position
when the next ALERT is generated. It will be updated at the respective repeat rate for a slide
or press and hold event regardless of whether it has been read or not. Therefore, it will only
show the position of the last touch detected at the time of the interrupt.
6.4.2
Volumetric Data
If they are setup to present Volumetric Data (see Section 6.14), the bits will encode a range from 0 to
100. This value is updated based on the Grouped sensor activity:
A slide in the “UP” direction will increase the volumetric data by the Volumetric Step setting (see
Section 6.6) whenever an interrupt is generated (including extra interrupts generated after the slide
is complete).
A slide in the “DOWN” direction will decrease the volumetric data by the Volumetric Step setting
(see Section 6.6) whenever an interrupt is generated (including extra interrupts generated after the
slide is complete)
A tap (see Section 5.5.1) on the “UP” side will increase the volumetric data by a value of 1.
A tap on the “DOWN” side will decrease the volumetric data by a value of 1.
A press and hold (see Section 5.5.2) on the “UP” side will increase the volumetric data by a value
of 1 at every repeat rate interval.
A press and hold (see Section 5.5.2) on the “DOWN” side will decrease the volumetric data by a
value of 1 at every repeat rate interval.
The bits are read / write.
Table 6.6 Example Slider Absolute Position Decode
TOUCH POSITION
POS[6:0]
SETTINGS
CS8
02h (2d)
CS9
12h (18d)
CS10
22h (34d)
CS11
32h (50d)
CS12
42h (68d)
CS13
52h (82d)
CS14
62h (98d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com