Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAP1114 Datasheet(PDF) 73 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 69Page - SMSC Corporation CAP1114 Datasheet HTML 70Page - SMSC Corporation CAP1114 Datasheet HTML 71Page - SMSC Corporation CAP1114 Datasheet HTML 72Page - SMSC Corporation CAP1114 Datasheet HTML 73Page - SMSC Corporation CAP1114 Datasheet HTML 74Page - SMSC Corporation CAP1114 Datasheet HTML 75Page - SMSC Corporation CAP1114 Datasheet HTML 76Page - SMSC Corporation CAP1114 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
73
Revision 1.1 (02-04-11)
DATASHEET
Bits 2 - 0 - PROX_D_SENSE[2:0] - Controls the sensitivity of proximity detection on CS1. The
sensitivity settings act to scale the relative delta count value higher or lower based on the system
parameters. A setting of 0000b is the most sensitive while a setting of 1111b is the least sensitive. At
the more sensitive settings, touches are detected for a smaller delta C corresponding to a “lighter”
touch. These settings are more sensitive to noise, however, and a noisy environment may flag more
false touches than less sensitive levels. See Table 6.17.
6.36
Sampling Channel Select Register
The Sampling Channel Select Register determines which (if any) Capacitive Sensor input is controlled
by the Sampling Configuration register.
Bit 7 - GR_S - Determines if all grouped sensors are controlled by the Sampling Configuration register
settings.
‘0’ (default) - The grouped sensors are not controlled by the Sampling Configuration register
settings. All Grouped sensors will be sampled in a 2.5ms window of the entire polling cycle (which
requires 35ms).
‘1’ - The grouped sensors are controlled by the Sampling Configuration register settings. Each
sensor sampling window will be determined based on these bit settings and the overall polling cycle
time will increase.
Bit 6 - CS7_S - Determines if Capacitive Touch Sensor 7 is controlled by the Sampling Configuration
register settings.
Bit 5 - CS6_S - Determines if Capacitive Touch Sensor 6 is controlled by the Sampling Configuration
register settings.
Bit 4 - CS5_S - Determines if Capacitive Touch Sensor 5 is controlled by the Sampling Configuration
register settings.
Bit 3 - CS4_S - Determines if Capacitive Touch Sensor 4 is controlled by the Sampling Configuration
register settings.
Bit 2 - CS3_S - Determines if Capacitive Touch Sensor 3 is controlled by the Sampling Configuration
register settings.
Bit 1 - CS2_S - Determines if Capacitive Touch Sensor 2 is controlled by the Sampling Configuration
register settings.
Bit 0 - CS1_S - Determines if Capacitive Touch Sensor 1 is controlled by the Sampling Configuration
register settings.
6.37
Sampling Configuration Register
Table 6.54 Sampling Channel Select Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Eh
R/W
Sampling
Channel Select
GR_S
CS7_S
CS6_S
CS5_S
CS4_S
CS3_S
CS2_S
CS1_S
00h
Table 6.55 Sampling Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Fh
R/W
Sampling
Configuration
-----
OVERSAMP_RATE[2:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com