Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3616 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3616 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3616 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
6
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
Parameter
Symbol
Min
Max
Unit
Input Voltage
VCC
4.2
27
V
Recommended PWM Dimming Frequency
fPWM
0.08
25
kHz
Full Scale Setting Current per Channel
VCHX=0.5V
ICHX
20
40
mA
VCHX=0.8V
20
60
VCHX=1.2V
20
75
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCC SECTION
Quiescent Current
IQ
ISET, SYN and FB
Pin Floating
24
mA
Shutdown Supply Current
ISTBY
VEN=0V, ISET,SYN
and FB Pin Floating
0.1
1
µA
Under Voltage Lockout Threshold
VUVLO
VIN Falling Edge
3.65
3.9
4.15
V
Under Voltage Lockout Hysteresis
VUVLO_HYS
300
mV
CHANNEL SECTION
Maximum Output Current per Channel
ICHX_MAX
VCHX=0.8V, RISET=0
75
mA
Current Sink Saturation Voltage per
Channel
VCHX_SAT
ICHX=60mA
0.6
V
Current Matching Accuracy between Any
Two Channels
ICH_MATCHING
ICHX=60mA,
VCH=0.8V
3%
Output Current Load Regulation
VCHX=0.5V to 2.8V
4
%
Output Current Line Regulation (Note 2)
VCHX=4.2V to 2.8V
2
%/V
VIN=24V, VEN=5V, TA=25oC, unless otherwise specified. Boldface type apply over the full operating tempera-
ture range (TA=-40oC to 85oC).
Note 2: Guaranteed by design (GBD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com