Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3616 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3616 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3616 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
1
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
General Description
The AP3616 is an sixteen-channel constant current
sink with current match used for LED driver. It uses an
external resistor to set the current for sixteen LED
strings with an accuracy of
±1.5%. The full scale LED
current can be adjusted from 20mA to 75mA for each
channel. The LED lightness can be adjusted by PWM
dimming function.
The device can keep working normally without any
damage when LEDs are short or open. It features under
voltage lockout protection and over temperature pro-
tection.
The AP3616 has three interface terminals (FB, SYN
and FBX pins). The FB and SYN pins allow the device
to work with a DC/DC converter to drive LED arrays
for good performance. And the FBX pin enables the
device to be connected in parallel.
The AP3616 is available in SOIC-28 and HSOP-28
packages.
Features
·
Input Voltage Range: 4.2V to 27V
·
Maximum Output Current: Typical 1.2A (75mA
per Channel)
·
Current Match Accuracy (Typical):
±1.5%
·
PWM / Linear Dimming Control
·
Open LED Self-check and Protection
·
Flexible Short LED Protection
·
Under Voltage Lockout Protection
·
Over Temperature Protection
·
FBX and SYN Pins Enable Parallel Application
·
Over Voltage Protection
Applications
·
LCD Display Modules
·
LCD Monitor
·
LCD TV
Figure 1. Package Types of AP3616
SOIC-28
HSOP-28


Similar Part No. - AP3616

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
Boost Type LED Driver with 12-Channel Current Source
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615FNTR-G1 BCDSEMI-AP3615FNTR-G1 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
More results

Similar Description - AP3616

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Toshiba Semiconductor
TD62S011AFM TOSHIBA-TD62S011AFM Datasheet
86Kb / 8P
1-Channel Sink-Current Driver
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Power Analog Micoelectr...
PAM2810 PAM-PAM2810 Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
logo
Diodes Incorporated
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
BCD Semiconductor Manuf...
AP3608E BCDSEMI-AP3608E Datasheet
979Kb / 15P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
Maxim Integrated Produc...
MAX17271 MAXIM-MAX17271 Datasheet
1Mb / 13P
Up to 50mA/75mA/80mA Output Current
Rev 0; 2/18
logo
Diodes Incorporated
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com