Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2702228 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2702228
Description  LED enclosure light - PLD E 608 W 315/E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702228 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2702228 Datasheet HTML 1Page - PHOENIX CONTACT 2702228 Datasheet HTML 2Page - PHOENIX CONTACT 2702228 Datasheet HTML 3Page - PHOENIX CONTACT 2702228 Datasheet HTML 4Page - PHOENIX CONTACT 2702228 Datasheet HTML 5Page - PHOENIX CONTACT 2702228 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/2702228
09/30/2016   Page 5 / 6
LED enclosure light - PLD E 608 W 315/E - 2702228
Accessories
Connector - PLD E 608-CO-FS - 2702309
Socket for power supply and series connection, black, 3-pos.
 
 
Mounting material
Mounting material - PLD E 608-ME MM - 2702315
Set for magnetic mounting of class 600 PLD enclosure lights
 
 
Mounting material - PLD E 608-ME SM - 2702316
Set for screw mounting of class 600 PLD enclosure lights, including screws
 
 
Mounting material - PLD E 608-ME SFM - 2702317
Set consisting of two mounting carriages with snap-in hooks for class 600 PLD enclosure lights (replacement part)
 
 
Power cable
Power cable - PLD E 608-CA-3,0/FS AM - 2702302
Power cable, 3-position, PVC, orange RAL 2004, free cable end, on Socket straight, black, Cable length: 3 m
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com