Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2702228 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2702228
Description  LED enclosure light - PLD E 608 W 315/E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702228 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2702228 Datasheet HTML 1Page - PHOENIX CONTACT 2702228 Datasheet HTML 2Page - PHOENIX CONTACT 2702228 Datasheet HTML 3Page - PHOENIX CONTACT 2702228 Datasheet HTML 4Page - PHOENIX CONTACT 2702228 Datasheet HTML 5Page - PHOENIX CONTACT 2702228 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2702228
09/30/2016   Page 3 / 6
LED enclosure light - PLD E 608 W 315/E - 2702228
Technical data
Motion detector
Detection range
1.5 m ±0.25 m
Detection angle
35 ° ±5° (Horizontal and vertical)
Lighting duration
180 s (Retriggered)
Standards and Regulations
Mechanical tests
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6 5g
Shock in acc. with EN 60068-2-27/IEC 60068-2-27 25g, 11 ms period, half-
sine shock pulse
Continuous shock according to EN 60068-2-27/IEC 60068-2-27 10g
Protection class
I
Drawings
Dimensional
drawing
Dimensional
drawing
for
screw
mounting
Schematic diagram
Type E socket (CEE 7/5)
Connection diagram
Connection of the supply voltage of a light
Connection diagram
Forwarding of the supply voltage with the series connection of lights



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com