Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPIS21LS Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS21LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS21LS Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS21LS Datasheet HTML 1Page - NIC-Components Corp. NPIS21LS Datasheet HTML 2Page - NIC-Components Corp. NPIS21LS Datasheet HTML 3Page - NIC-Components Corp. NPIS21LS Datasheet HTML 4Page - NIC-Components Corp. NPIS21LS Datasheet HTML 5Page - NIC-Components Corp. NPIS21LS Datasheet HTML 6Page - NIC-Components Corp. NPIS21LS Datasheet HTML 7Page - NIC-Components Corp. NPIS21LS Datasheet HTML 8Page - NIC-Components Corp. NPIS21LS Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LS Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 32 (3.0 x 3.0 x 1.2mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF (MHz)
NPIS32LSR82YTRF
0.82
±30%
100KHz, 1V
0.03
2.05
2.47
180
NPIS32LS1R0YTRF
1.0
±30%
100KHz, 1V
0.04
1.87
2.2
120
NPIS32LS1R2YTRF
1.2
±30%
100KHz, 1V
0.045
2.22
2.01
120
NPIS32LS1R5YTRF
1.5
±30%
100KHz, 1V
0.045
1.62
2.01
110
NPIS32LS1R8YTRF
1.8
±30%
100KHz, 1V
0.055
1.51
1.84
90
NPIS32LS2R2YTRF
2.2
±30%
100KHz, 1V
0.075
1.2
1.55
84
NPIS32LS2R4YTRF
2.4
±30%
100KHz, 1V
0.068
1.15
1.5
100
NPIS32LS2R7YTRF
2.7
±30%
100KHz, 1V
0.085
1.14
1.48
65
NPIS32LS3R3MTRF
3.3
±20%
100KHz, 1V
0.1
1.05
1.36
64
NPIS32LS4R7MTRF
4.7
±20%
100KHz, 1V
0.12
0.9
1.24
61
NPIS32LS6R8MTRF
6.8
±20%
100KHz, 1V
0.19
0.75
0.98
61
NPIS32LS100MTRF
10
±20%
100KHz, 1V
0.265
0.6
0.83
42
NPIS32LS120MTRF
12
±20%
100KHz, 1V
0.345
0.48
0.73
32
NPIS32LS150MTRF
15
±20%
100KHz, 1V
0.36
0.45
0.71
27
NPIS32LS180MTRF
18
±20%
100KHz, 1V
0.545
0.43
0.58
25
NPIS32LS220MTRF
22
±20%
100KHz, 1V
0.645
0.42
0.53
23
NPIS32LS270MTRF
27
±20%
100KHz, 1V
0.77
0.4
0.49
21
NPIS32LS330MTRF
33
±20%
100KHz, 1V
0.875
0.36
0.46
18
NPIS32LS360MTRF
36
±20%
100KHz, 1V
0.95
0.34
0.44
18
NPIS32LS390MTRF
39
±20%
100KHz, 1V
1.33
0.3
0.37
18
NPIS32LS470MTRF
47
±20%
100KHz, 1V
1.36
0.27
0.36
14
NPIS32LS560MTRF
56
±20%
100KHz, 1V
1.38
0.26
0.36
14
NPIS32LS620MTRF
62
±20%
100KHz, 1V
1.53
0.25
0.35
12
NPIS32LS680MTRF
68
±20%
100KHz, 1V
1.67
0.24
0.33
12
NPIS32LS820MTRF
82
±20%
100KHz, 1V
2.54
0.22
0.27
12
NPIS32LS101MTRF
100
±20%
100KHz, 1V
2.86
0.21
0.25
12
NPIS32LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com