Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPIS21LS Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIS21LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS21LS Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIS21LS Datasheet HTML 6Page - NIC-Components Corp. NPIS21LS Datasheet HTML 7Page - NIC-Components Corp. NPIS21LS Datasheet HTML 8Page - NIC-Components Corp. NPIS21LS Datasheet HTML 9Page - NIC-Components Corp. NPIS21LS Datasheet HTML 10Page - NIC-Components Corp. NPIS21LS Datasheet HTML 11Page - NIC-Components Corp. NPIS21LS Datasheet HTML 12Page - NIC-Components Corp. NPIS21LS Datasheet HTML 13Page - NIC-Components Corp. NPIS21LS Datasheet HTML 14Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 52 (5.0 x 5.0 x 2.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS52LSR47YTRF
0.47
±30%
100KHz, 1V
0.013
6.15
4.6
160
NPIS52LSR75YTRF
0.75
±30%
100KHz, 1V
0.017
5.5
4
117
NPIS52LS1R0YTRF
1.0
±30%
100KHz, 1V
0.02
4.1
3.8
114
NPIS52LS1R2YTRF
1.2
±30%
100KHz, 1V
0.022
4.5
3.55
83
NPIS52LS1R5YTRF
1.5
±30%
100KHz, 1V
0.026
4.1
3.2
68
NPIS52LS2R2YTRF
2.2
±30%
100KHz, 1V
0.032
3.2
2.9
57
NPIS52LS2R7YTRF
2.7
±30%
100KHz, 1V
0.038
2.9
2.7
52
NPIS52LS3R0YTRF
3.0
±30%
100KHz, 1V
0.038
2.55
2.7
49
NPIS52LS3R3YTRF
3.3
±30%
100KHz, 1V
0.043
2.55
2.5
46
NPIS52LS3R6YTRF
3.6
±30%
100KHz, 1V
0.043
2.8
2.5
43
NPIS52LS3R9YTRF
3.9
±30%
100KHz, 1V
0.043
2.3
2.5
40
NPIS52LS4R3MTRF
4.3
±20%
100KHz, 1V
0.057
2.5
2.2
37
NPIS52LS4R7MTRF
4.7
±20%
100KHz, 1V
0.057
2.5
2.2
37
NPIS52LS5R1MTRF
5.1
±20%
100KHz, 1V
0.064
2.25
2.05
32
NPIS52LS5R6MTRF
5.6
±20%
100KHz, 1V
0.064
2.3
2.05
32
NPIS52LS6R8MTRF
6.8
±20%
100KHz, 1V
0.083
2.05
1.8
30
NPIS52LS7R5MTRF
7.5
±20%
100KHz, 1V
0.09
1.85
1.75
26
NPIS52LS8R2MTRF
8.2
±20%
100KHz, 1V
0.098
1.85
1.65
26
NPIS52LS9R1MTRF
9.1
±20%
100KHz, 1V
0.11
1.7
1.55
24
NPIS52LS100MTRF
10
±20%
100KHz, 1V
0.11
1.7
1.55
24
NPIS52LS120MTRF
12
±20%
100KHz, 1V
0.14
1.5
1.4
22
NPIS52LS150MTRF
15
±20%
100KHz, 1V
0.165
1.35
1.25
20
NPIS52LS180MTRF
18
±20%
100KHz, 1V
0.2
1.25
1.15
16
NPIS52LS220MTRF
22
±20%
100KHz, 1V
0.226
1.15
1.1
14
NPIS52LS270MTRF
27
±20%
100KHz, 1V
0.285
1.09
0.95
14
NPIS52LS330MTRF
33
±20%
100KHz, 1V
0.37
0.97
0.83
13
NPIS52LS360MTRF
36
±20%
100KHz, 1V
0.38
0.93
0.8
12
NPIS52LS390MTRF
39
±20%
100KHz, 1V
0.415
0.93
0.78
12
NPIS52LS430MTRF
43
±20%
100KHz, 1V
0.45
0.88
0.75
11
NPIS52LS470MTRF
47
±20%
100KHz, 1V
0.525
0.81
0.7
11
NPIS52LS510MTRF
51
±20%
100KHz, 1V
0.545
0.76
0.68
10
NPIS52LS560MTRF
56
±20%
100KHz, 1V
0.56
0.76
0.67
9.7
NPIS52LS620MTRF
62
±20%
100KHz, 1V
0.625
0.72
0.63
9.2
NPIS52LS680MTRF
68
±20%
100KHz, 1V
0.885
0.7
0.53
8.8
NPIS52LS750MTRF
75
±20%
100KHz, 1V
0.89
0.63
0.53
8.3
NPIS52LS820MTRF
82
±20%
100KHz, 1V
0.945
0.62
0.52
8.3
NPIS52LS910MTRF
91
±20%
100KHz, 1V
1
0.61
0.5
7.9
NPIS52LS101MTRF
100
±20%
100KHz, 1V
1.06
0.57
0.49
7.6
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS__LS Series
NPIS Shielded Power Inductors
NPIS52LS Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com