Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1117 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1117
Description  800mA Low-Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1117 Datasheet HTML 1Page - National Semiconductor (TI) LM1117 Datasheet HTML 2Page - National Semiconductor (TI) LM1117 Datasheet HTML 3Page - National Semiconductor (TI) LM1117 Datasheet HTML 4Page - National Semiconductor (TI) LM1117 Datasheet HTML 5Page - National Semiconductor (TI) LM1117 Datasheet HTML 6Page - National Semiconductor (TI) LM1117 Datasheet HTML 7Page - National Semiconductor (TI) LM1117 Datasheet HTML 8Page - National Semiconductor (TI) LM1117 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Input Voltage (V
IN to GND)
20V
Power Dissipation (Note 2)
Internally Limited
Junction Temperature (T
J)
(Note 2)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temperature
TO-220 (T) Package
260˚C, 10 sec
SOT-223 (IMP) Package
260˚C, 4 sec
ESD Tolerance (Note 3)
2000V
Operating Ratings (Note 1)
Input Voltage (V
IN to GND)
15V
Junction Temperature Range (T
J)(Note 2)
LM1117
0˚C to 125˚C
LM1117I
−40˚C to 125˚C
LM1117 Electrical Characteristics
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, 0˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
REF
Reference Voltage
LM1117-ADJ
I
OUT = 10mA, VIN-VOUT = 2V, TJ = 25˚C
10mA
≤ I
OUT
≤ 800mA, 1.4V ≤ V
IN-VOUT
≤ 10V
1.238
1.225
1.250
1.250
1.262
1.270
V
V
V
OUT
Output Voltage
LM1117-1.8
I
OUT = 10mA, VIN = 3.8V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 3.2V ≤ V
IN
≤ 10V
1.782
1.746
1.800
1.800
1.818
1.854
V
V
LM1117-2.5
I
OUT = 10mA, VIN = 4.5V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 3.9V ≤ V
IN
≤ 10V
2.475
2.450
2.500
2.500
2.525
2.550
V
V
LM1117-2.85
I
OUT = 10mA, VIN = 4.85V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 4.25V ≤ V
IN
≤ 10V
0
≤ I
OUT
≤ 500mA, V
IN = 4.10V
2.820
2.790
2.790
2.850
2.850
2.850
2.880
2.910
2.910
V
V
V
LM1117-3.3
I
OUT = 10mA, VIN =5VTJ = 25˚C
0
≤ I
OUT
≤ 800mA, 4.75V≤ V
IN
≤ 10V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
LM1117-5.0
I
OUT = 10mA, VIN = 7V, TJ = 25˚C
0
≤ I
OUT
≤ 800mA, 6.5V ≤ V
IN
≤ 12V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
∆V
OUT
Line Regulation
(Note 6)
LM1117-ADJ
I
OUT = 10mA, 1.5V
≤ V
IN-VOUT
≤ 13.75V
0.035
0.2
%
LM1117-1.8
I
OUT = 0mA, 3.2V
≤ V
IN
≤ 10V
1
6
mV
LM1117-2.5
I
OUT = 0mA, 3.9V
≤ V
IN
≤ 10V
1
6
mV
LM1117-2.85
I
OUT = 0mA, 4.25V
≤ V
IN
≤ 10V
1
6
mV
LM1117-3.3
I
OUT = 0mA, 4.75V
≤ V
IN
≤ 15V
1
6
mV
LM1117-5.0
I
OUT = 0mA, 6.5V
≤ V
IN
≤ 15V
1
10
mV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com