Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1117 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1117
Description  800mA Low-Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1117 Datasheet HTML 1Page - National Semiconductor (TI) LM1117 Datasheet HTML 2Page - National Semiconductor (TI) LM1117 Datasheet HTML 3Page - National Semiconductor (TI) LM1117 Datasheet HTML 4Page - National Semiconductor (TI) LM1117 Datasheet HTML 5Page - National Semiconductor (TI) LM1117 Datasheet HTML 6Page - National Semiconductor (TI) LM1117 Datasheet HTML 7Page - National Semiconductor (TI) LM1117 Datasheet HTML 8Page - National Semiconductor (TI) LM1117 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM1117/LM1117I
800mA Low-Dropout Linear Regulator
General Description
The LM1117 is a series of low dropout voltage regulators
with a dropout of 1.2V at 800mA of load current. It has the
same pin-out as National Semiconductor’s industry standard
LM317.
The LM1117 is available in an adjustable version, which can
set the output voltage from 1.25V to 13.8V with only two
external resistors. In addition, it is also available in five fixed
voltages, 1.8V, 2.5V, 2.85V, 3.3V, and 5V.
The LM1117 offers current limiting and thermal shutdown. Its
circuit includes a zener trimmed bandgap reference to as-
sure output voltage accuracy to within ±1%.
The LM1117 series is available in LLP, TO-263, SOT-223,
TO-220, and TO-252 D-PAK packages. A minimum of 10µF
tantalum capacitor is required at the output to improve the
transient response and stability.
Features
n
Available in 1.8V, 2.5V, 2.85V, 3.3V, 5V, and Adjustable
Versions
n
Space Saving SOT-223 and LLP Packages
n
Current Limiting and Thermal Protection
n
Output Current
800mA
n
Line Regulation
0.2% (Max)
n
Load Regulation
0.4% (Max)
n
Temperature Range
— LM1117
0˚C to 125˚C
— LM1117I
−40˚C to 125˚C
Applications
n
2.85V Model for SCSI-2 Active Termination
n
Post Regulator for Switching DC/DC Converter
n
High Efficiency Linear Regulators
n
Battery Charger
n
Battery Powered Instrumentation
Typical Application
Active Terminator for SCSI-2 Bus
10091905
Fixed Output Regulator
10091928
June 2004
© 2004 National Semiconductor Corporation
DS100919
www.national.com


Similar Part No. - LM1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Texas Instruments
LM1117 TI-LM1117 Datasheet
1Mb / 25P
LM1117-Q1 18V, 1A, Automotive Fixed Output Linear Voltage Regulator
DECEMBER 2024
More results

Similar Description - LM1117

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
Texas Instruments
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com