Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSN06M2 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN06M2
Description  60V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN06M2 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN06M2 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN06M2 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN06M2 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN06M2 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN06M2 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN06M2 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSN06M2
General Features
● VDS = 60V,ID = 0.115A
RDS(ON) < 3Ω @ VGS=5V
RDS(ON) < 2Ω @ VGS=10V
● Lead free product is acquired
● Surface mount package
Application
●Direct logic-level interface: TTL/CMOS
●Drivers: relays, solenoids,lamps, hammers,display,
memories, transistors, etc.
●Battery operated systems
●Solid-state relays
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSN06M2
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
ID
0.115
A
Drain Current-Continuous@ Current-Pulsed
(Note 1)
IDM
0.8
A
Maximum Power Dissipation
PD
0.2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
625
/W
60V(D-S) N-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Similar Part No. - MSN06M2

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN06M2-SOT23 MORESEMI-MSN06M2-SOT23 Datasheet
432Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN06M2

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN06B2K MORESEMI-MSN06B2K Datasheet
478Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN06B5K MORESEMI-MSN06B5K Datasheet
527Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603 MORESEMI-MSN0603 Datasheet
465Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603L MORESEMI-MSN0603L Datasheet
433Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603Y MORESEMI-MSN0603Y Datasheet
706Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0620Z MORESEMI-MSN0620Z Datasheet
500Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0650Z MORESEMI-MSN0650Z Datasheet
431Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN7002 MORESEMI-MSN7002 Datasheet
395Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN06B2K-TO220 MORESEMI-MSN06B2K-TO220 Datasheet
478Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0650D-TO252 MORESEMI-MSN0650D-TO252 Datasheet
536Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com