Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OX914XS3 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # OX914XS3
Description  Connor-Winfield model series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OX914XS3 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  OX914XS3 Datasheet HTML 1Page - Connor-Winfield Corporation OX914XS3 Datasheet HTML 2Page - Connor-Winfield Corporation OX914XS3 Datasheet HTML 3Page - Connor-Winfield Corporation OX914XS3 Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specificationssubjecttochangewithoutnotification.SeeConnor-Winfield'swebsiteforlatestrevision.Alldimensionsininches.
© Copyright 2014 The Connor-Winfield CorporationNotintendedforlifesupportapplications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Cx181
Page
3 of 4
Revision
05
Date
17 Sep 2013
Test Circuit
N/C
DNC
2
DNC
15 pF
0.01uF
10uF
to
100 uF
Output
DNC = Do Not Connect
DO NOT connect "DNC" pads
to ground or supply rails.
Typical Phase noise for OX9140S3-010.0M
Phase Noise Plot
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
1V/Div
CMOS Output Waveform
Pad Connections
Package Outline
1:
N/C
2:
Do Not Connect
3
Ground:
4:
Output
5:
Do Not Connect
6:
Supply Voltage (Vcc)
Suggested Pad Layout
E
1344
OX9140S3
19.44 MHz
L
e
b
Top View
Side View
Bottom View
DNC = Do Not Connect
A
D
A1
Pin 1
Index
Marking
C
L
C
L
Side View
Pin 1 ID
mm
inches
Symbol
Min
Nom.
Max.
Min
Nom.
Max.
A
-
-
7.92
-
-
0.312
D
8.89
9.02
9.15
0.350
0.355
0.360
E
13.34
13.47
13.60
0.545
0.550
0.555
A1
-
2.36
-
-
0.093
-
L
-
1.52
-
-
0.060
-
b
-
1.02
-
-
0.040
-
e
-
2.54
-
-
0.100
-
*DO NOT connect "DNC" pads
to ground or supply rails.
Keep Out Area
0.085
(2.03mm)
0.290
(7.37mm)
Top
View
0.100
(2.54mm)
1
2
3
4
5
6
0.060
(1.52mm)
Keep Out Area Note: Do not route any traces
under the device in the keep out area.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com