Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8080-2EM Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE8080-2EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080-2EM Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE8080-2EM Datasheet HTML 23Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 24Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 25Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 26Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 27Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 28Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 29Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 30Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TLE8080EM
Serial Peripheral Interface (SPI)
Data Sheet
27
Rev. 1.1, 2012-10-19
VR_T1: VR_T0
[12:11]
rw
Threshold Register of VR Interface:
00B -50mV (Reset State)
01B −100mV
10B −500mV
11B −1V
Diag Register
Diagnosis Register (Identifier x01x xxxx xxxx xxxxB)Reset Value: 0H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
AD1 AD0
CH45_
OT
CH5_
OC
CH5_
OL
CH4_
OC
CH4_
OL
CH3_
OT
CH3_
OC
CH3_
OL
CH2_
OT
CH2_
OC
CH1_
OT
CH1_
OC
CH1_
OL
r
r
r
r
rrrr
r
r
r
r
r
Field
Bits
Type
Description
CH1_OL
0r
Open Load Diagnosis Bit of Channel 1:
0B no open load in off detected (Reset State)
1B open load in off detected
CH1_OC
1r
Over Current Diagnosis Bit of Channel 1:
0B no over current detected (Reset State)
1B over current detected
CH1_OT
2r
Over Temperature Diagnosis Bit of Channel 1:
0B no over temperature detected (Reset State)
1B over temperature detected
CH2_OC
3r
Over Current Diagnosis Bit of Channel 2:
0B no over current detected (Reset State)
1B over current detected
CH2_OT
4r
Over Temperature Diagnosis Bit of Channel 2:
0B no over temperature detected (Reset State)
1B over temperature detected
CH3_OL
5r
Open Load Diagnosis Bit of Channel 3:
0B no open load in off detected (Reset State)
1B open load in off detected
CH3_OC
6r
Over Current Diagnosis Bit of Channel 3:
0B no over current detected (Reset State)
1B over current detected
CH3_OT
7r
Over Temperature Diagnosis Bit of Channel 3:
0B no over temperature detected (Reset State)
1B over temperature detected
CH4_OL
8r
Open Load Diagnosis Bit of Channel 4:
0B no open load in off detected (Reset State)
1B open load in off detected
CH4_OC
9r
Over Current Diagnosis Bit of Channel 4:
0B no over current detected (Reset State)
1B over current detected
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com