Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8080-2EM Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE8080-2EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080-2EM Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE8080-2EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 20Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TLE8080EM
Power Stages
Data Sheet
17
Rev. 1.1, 2012-10-19
Over-current Status Time
t
oc,St
1
–
12
ms
6.2.5
Over Temperature Switch Off
T
OT
150–
200°C
6.2.6
Over Temperature Hysteresis
T
OT,Hys
–
20
–
°C
6.2.7
Turn On Delay Time
t
d,ON
–0.6
1.2
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.2.8
Turn Off Delay Time
t
d,OFF
–0.7
1.5
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.2.9
Turn On Time
t
s,ON
–0.4
1
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.2.10
Turn Off Time
t
s,OFF
–0.4
1
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.2.11
Output Leakage Current in
Off Mode
I
OUTx_off
––
3
μA
V
OUTx = 13.5V
T
j = 150°C
6.2.12
Output Channel 4 and 5
On Resistance
R
OUTx_on
–3.3
3.6
Ω
I
OUTx_nom = 0.3A;
T
j = 150°C
6.3.1
Output Clamping Voltage
V
OUTx_cl
30
35
40
V
I
OUTx = 0.02A
6.3.2
Over-current Switch Off
Threshold
I
OUTx_oc
350–
600mA
6.3.3
Over-current Switch Off Filter
Time
t
oc,f
0.8
–
2.4
μs6.3.4
Over Temperature Switch Off
T
OT
150–
200°C
6.3.5
Over Temperature Hysteresis
T
OT,Hys
–
20
–
°C
6.3.6
Open Load in Off Detection
Threshold
V
ol,th
2
2.8
3.2
V
6.3.7
Open Load in Off Pull Down
Diagnosis Current
I
ol
50
100
150
μA
V
OUTx = 13.5V
6.3.8
Open Load in Off Diagnosis
Delay Time
t
ol,d
100
–
200
μs6.3.9
Turn On Delay Time
t
d,ON
–0.5
1.2
μs
V
OUTx = 13.5V
I
OUTx = 0.3A,
resistive load1)
6.3.10
Turn Off Delay Time
t
d,OFF
–0.7
1.5
μs
V
OUTx = 13.5V
I
OUTx = 0.3A,
resistive load1)
6.3.11
Table 6
Electrical Characteristics: Power Stage (cont’d)
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com