Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS82698SIP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS82698SIP
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82698SIP Datasheet(HTML) 2 Page - Texas Instruments

  TPS82698SIP Datasheet HTML 1Page - Texas Instruments TPS82698SIP Datasheet HTML 2Page - Texas Instruments TPS82698SIP Datasheet HTML 3Page - Texas Instruments TPS82698SIP Datasheet HTML 4Page - Texas Instruments TPS82698SIP Datasheet HTML 5Page - Texas Instruments TPS82698SIP Datasheet HTML 6Page - Texas Instruments TPS82698SIP Datasheet HTML 7Page - Texas Instruments TPS82698SIP Datasheet HTML 8Page - Texas Instruments TPS82698SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
10
Applications and Implementation...................... 20
10.1
Application Information.......................................... 20
2
Applications ........................................................... 1
10.2
Typical Application ................................................ 20
3
Description ............................................................. 1
11
Power Supply Recommendations ..................... 21
4
Simplified Schematic............................................. 1
12
Layout................................................................... 22
5
Revision History..................................................... 2
12.1
Layout Guidelines ................................................. 22
6
Terminal Configuration and Functions................ 4
12.2
Layout Example .................................................... 22
7
Specifications......................................................... 5
12.3
Surface Mount Information ................................... 22
7.1
Absolute Maximum Ratings ...................................... 5
12.4
Thermal And Reliability Information ...................... 23
7.2
ESD Ratings.............................................................. 5
13
Device and Documentation Support ................. 25
7.3
Recommended Operating Conditions ....................... 5
13.1
Documentation Support ........................................ 25
7.4
Thermal Information ................................................. 6
13.2
Related Links ........................................................ 25
7.5
Electrical Characteristics.......................................... 6
13.3
Trademarks ........................................................... 25
7.6
Typical Characteristics .............................................. 9
13.4
Electrostatic Discharge Caution ............................ 25
8
Parameter Measurement Information ................ 14
13.5
Glossary ................................................................ 25
9
Detailed Description ............................................ 17
14
Mechanical, Packaging, and Orderable
9.1
Overview ................................................................. 17
Information ........................................................... 26
9.2
Functional Block Diagram ....................................... 17
14.1
Package Summary................................................ 26
9.3
Feature Description................................................. 18
14.2
MicroSIP™ ............................................................ 26
9.4
Device Functional Modes........................................ 19
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2014) to Revision C
Page
•
Added text to Device Comparison table for the TPS826951 device special features ........................................................... 4
•
Moved Tstg spec from Handling Ratings to Absolute Maximum Ratings table ....................................................................... 5
•
Changed Handling Ratings table to ESD Ratings table ........................................................................................................ 5
Changes from Revision A (July 2013) to Revision B
Page
•
Global format to new data sheet standard ............................................................................................................................ 1
•
Changed TPS82692, TPS826951 devices to production status. .......................................................................................... 4
•
Changed Ordering Information table to "Device Comparison" table with cross reference to the POA at end of
document. .............................................................................................................................................................................. 4
•
Moved Abs Max Ratings, Handling Ratings, Rec Oper Conditions, Thermal Info, and Elec Charactistics tables to the
Specifications section ............................................................................................................................................................ 5
•
Deleted Regulated DC Output Voltage parameters to electrical characteristics table for device TPS82692 ........................ 7
•
Added efficiency graphs for device TPS82692 ................................................................................................................... 11
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS826951 TPS82697 TPS82698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com