Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS82698SIP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS82698SIP
Description  High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82698SIP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82698SIP Datasheet HTML 3Page - Texas Instruments TPS82698SIP Datasheet HTML 4Page - Texas Instruments TPS82698SIP Datasheet HTML 5Page - Texas Instruments TPS82698SIP Datasheet HTML 6Page - Texas Instruments TPS82698SIP Datasheet HTML 7Page - Texas Instruments TPS82698SIP Datasheet HTML 8Page - Texas Instruments TPS82698SIP Datasheet HTML 9Page - Texas Instruments TPS82698SIP Datasheet HTML 10Page - Texas Instruments TPS82698SIP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPS82692, TPS82693, TPS826951
TPS82697, TPS82698
www.ti.com
SLVSBF8C – MARCH 2013 – REVISED MAY 2015
Electrical Characteristics (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
3.15V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.25V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.15V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
TPS82693
TPS82697
3.25V
≤ VIN ≤ 5.5V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
3.15V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.25V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
2.9V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.15V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
2.9V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
Regulated DC output
TPS826951
voltage
3.15V
≤ VIN ≤ 5.5V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
2.9V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.15V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.3V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
VOUT
3.45V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.3V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
TPS82698
3.45V
≤ VIN ≤ 5.5V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
3.3V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.45V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
2.5V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
2.7V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
2.5V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
TPS82692
2.7V
≤ VIN ≤ 5.5V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
2.5V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
2.7V
≤ VIN ≤ 4.8V, 500mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
VIN = VO + 0.5V (min 3.15V) to 5.5V
Line regulation
0.18
%/V
IO = 200 mA
Load regulation
IO = 0mA to 800 mA
–0.0002
%/mA
Feedback input
TPS8269x
480
k
Ω
resistance
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS82692 TPS82693 TPS826951 TPS82697 TPS82698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com