Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0134CSSM00SUEAH-GEVB Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0134CSSM00SUEAH-GEVB
Description  1/3-Inch 1.2 Mp CMOS Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAH-GEVB Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAH-GEVB Datasheet HTML 11Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 12Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 13Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 14Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 15Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 16Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 17Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 18Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
AR0134CS/D Rev. 8, Pub. 1/16 EN
15
©Semiconductor Components Industries, LLC,2016.
AR0134CS: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Two-Wire Serial Register Interface
The two-wire serial interface bus enables read/write access to control and status regis-
ters within the AR0134.The interface protocol uses a master/slave model in which a
master controls one or more slave devices. The sensor acts as a slave device. The master
generates a clock (SCLK) that is an input to the sensor and is used to synchronize trans-
fers. Data is transferred between the master and the slave on a bidirectional signal
(SDATA). SDATA is pulled up to VDD_IO off-chip by a 1.5k resistor. Either the slave or
master device can drive SDATA LOW—the interface protocol determines which device is
allowed to drive SDATA at any given time.
The protocols described in the two-wire serial interface specification allow the slave
device to drive SCLK LOW; the AR0134 uses SCLK as an input only and therefore never
drives it LOW.
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of low-
level protocol elements:
1. a (repeated) start condition
2. a slave address/data direction byte
3. an (a no) acknowledge bit
4. a message byte
5. a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a
start condition, and the bus is released with a stop condition. Only the master can
generate the start and stop conditions.
Start Condition
A start condition is defined as a HIGH-to-LOW transition on SDATA while ScLK is HIGH.
At the end of a transfer, the master can generate a start condition without previously
generating a stop condition; this is known as a “repeated start” or “restart” condition.
Stop Condition
A stop condition is defined as a LOW-to-HIGH transition on SDATA while ScLK is HIGH.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB transmitted first. Each byte of
data is followed by an acknowledge bit or a no-acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte and for message bytes.
One data bit is transferred during each SCLK clock period. SDATA can change when ScLK is
LOW and must be stable while ScLK is HIGH.
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address and bit [0] indicates the data
transfer direction. A “0” in bit [0] indicates a WRITE, and a “1” indicates a READ. The
default slave addresses used by the AR0134 are 0x20 (write address) and 0x21 (read
address) in accordance with the specification. Alternate slave addresses of 0x30 (write
address) and 0x31 (read address) can be selected by enabling and asserting the SADDR
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com