Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C32M16D2 Datasheet(PDF) 32 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D2
Description  512M (32M x 16 bit) DDRII Synchronous DRAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D2 Datasheet(HTML) 32 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D2 Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 36Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
AS4C32M16D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
32
Rev. 1.1
Feb. /2013
Figure 7. Slew rate test load
VDDQ
DUT DQS
DQS#
DQ
VTT=VDDQ/2
25Ω
Test point
Ouput
NOTE 4: Differential data strobe
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the
setting of the EMRS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design. The
method by which the DDR2 SDRAM pin timings are measured is mode dependent. In single ended mode, timing
relationships are measured relative to the rising or falling edges of DQS crossing at VREF. In differential mode, these
timing relationships are measured relative to the crosspoint of DQS and its complement, DQS#. This distinction in
timing methods is guaranteed by design and characterization. Note that when differential data strobe mode is
disabled via the EMRS, the complementary pin, DQS#, must be tied externally to VSS through a 20 Ω to 10 kΩ resistor
to insure proper operation
NOTE 5: AC timings are for linear signal transitions.
NOTE 6: All voltages are referenced to VSS.
NOTE 7: These parameters guarantee device behavior, but they are not necessarily tested on each device. They may be
guaranteed by device design or tester correlation.
NOTE 8:
Tests for AC timing, IDD, and electrical (AC and DC) characteristics, may be conducted at nominal
reference/supply voltage levels, but the related specifications and device operation are guaranteed for the full
voltage range specified.
Specific notes for dedicated AC parameters
NOTE 1: User can choose which active power down exit timing to use via MRS (bit 12). tXARD is expected to be used for
fast active power down exit timing. tXARDS is expected to be used for slow active power down exit timing where a
lower power value is defined by each vendor data sheet.
NOTE 2: AL=Additive Latency.
NOTE 3: This is a minimum requirement. Minimum read to precharge timing is AL+BL/2 provided that the tRTP and tRAS
(min) have been satisfied.
NOTE 4: A minimum of two clocks (2* tCK) is required irrespective of operating frequency.
NOTE 5: Timings are specified with command/address input slew rate of 1.0 V/ns.
NOTE 6: Timings are specified with DQs, DM, and DQS’s (in single ended mode) input slew rate of 1.0V/ns.
NOTE 7: Timings are specified with CK/CK# differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS signals
with a differential slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1 V/ns in single ended mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com