Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C32M16D2 Datasheet(PDF) 49 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D2
Description  512M (32M x 16 bit) DDRII Synchronous DRAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D2 Datasheet(HTML) 49 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D2 Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C32M16D2 Datasheet HTML 53Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
AS4C32M16D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
49
Rev. 1.1
Feb. /2013
Figure 23. Read burst interrupt timing: (CL=3, AL=0, RL=3, BL=8)
CK#
CK
CMD
Read A
NOP
Read B
NOP
NOP
NOP
NOP
NOP
NOP
NOP
A0
A1
A2
A3
B0
B1
B2
B3
B4
B5
B6
B7
DQS
DQS#
DQs
NOTE 1: Read burst interrupt function is only allowed on burst of 8. Burst interrupt of 4 is prohibited.
NOTE 2: Read burst of 8 can only be interrupted by another Read command. Read burst interruption by Write
command or Precharge command is prohibited.
NOTE 3: Read burst interrupt must occur exactly two clocks after previous Read command. Any other Read burst
interrupt timings are prohibited.
NOTE 4: Read burst interruption is allowed to any bank inside DRAM.
NOTE 5: Read burst with Auto Precharge enabled is not allowed to interrupt.
NOTE 6: Read burst interruption is allowed by another Read with Auto Precharge command.
NOTE 7: All command timings are referenced to burst length set in the mode register. They are not referenced to
actual burst. For example, Minimum Read to Precharge timing is AL+BL/2 where BL is the burst length set in the
mode register and not the actual burst (which is shorter because of interrupt).
Figure 24. Data input (write) timing
DQS#
DQ
DQS
tDQSH
tWPRE
DQS
DM
tDQSL
tWPSL
VIL(ac)
VIH(ac)
D
D
VIL(dc)
VIH(dc)
D
D
DMin
DMin
DQS#
DMin
VIH(ac)
VIL(ac)
DMin
VIH(dc)
VIL(dc)
tDS
tDS
tDH
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com