Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9902T-1E/RW Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP9902T-1E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-1E/RW Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP9902T-1E/RW Datasheet HTML 31Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 32Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 33Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 34Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 35Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 36Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 37Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 38Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 35
MCP9902/3/4
REGISTER 5-25:
LO LIM STS – LOW LIMIT STATUS REGISTER (ADDRESS 36H)
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
—
—
—
—
E3LOW
E2LOW
E1LOW
ILOW
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3LOW
: This bit is set when the External Diode 3 channel drops below its programmed low limit.
Reading from the register will also clear the LOW status bit in the Status Register.
1
= Low limit exceeded
0
= Low limit not exceeded
2
E2LOW
: This bit is set when the External Diode 2 drops below its programmed low limit. Reading this
register will also clear the LOW bit.
1
= Low limit exceeded
0
= Low limit not exceeded
1
E1LOW
: This bit is set when the External Diode 1 drops below its programmed low limit. Reading this
register will also clear the LOW bit.
1
= Low limit exceeded
0
= Low limit not exceeded
0
ILOW
: This bit is set when the Internal Diode drops below its programmed low limit. Reading this
register will also clear the LOW bit.
1
= Low limit exceeded
0
= Low limit not exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com