Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9902T-1E/RW Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP9902T-1E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-1E/RW Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP9902T-1E/RW Datasheet HTML 35Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 36Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 37Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 38Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 39Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 40Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 41Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 42Page - Microchip Technology MCP9902T-1E/RW Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 39
MCP9902/3/4
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM A)
(DATUM B)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
0.05
C A B
0.05 C
Microchip Technology Drawing C04-261A Sheet 1 of 2
8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN]
2X
E
D
12
N
E2
D2
2X CH
(K)
8X b
e
L
A
(A3)
0.05 C
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com