Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8182YDF8G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8182YDF8G
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182YDF8G Datasheet(HTML) 3 Page - ON Semiconductor

  CS8182YDF8G Datasheet HTML 1Page - ON Semiconductor CS8182YDF8G Datasheet HTML 2Page - ON Semiconductor CS8182YDF8G Datasheet HTML 3Page - ON Semiconductor CS8182YDF8G Datasheet HTML 4Page - ON Semiconductor CS8182YDF8G Datasheet HTML 5Page - ON Semiconductor CS8182YDF8G Datasheet HTML 6Page - ON Semiconductor CS8182YDF8G Datasheet HTML 7Page - ON Semiconductor CS8182YDF8G Datasheet HTML 8Page - ON Semiconductor CS8182YDF8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8182
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C < TJ < +125°C; COUT ≥ 10 mF;
0.1
W < COUT−ESR < 1.0 W @ 10 kHz, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Regular Output
VREF − VOUT
VOUT Tracking Error
4.5 V
≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 200 mA, Note 2
VIN = 12 V, IOUT = 30 mA, VREF = 5.0 V, Note 2
−10
−5.0
−
−
10
5
mV
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 30 mA
IOUT = 200 mA
−
−
−
100
−
350
150
500
600
mV
mV
mV
Line Regulation
4.5 V
≤ VIN ≤ 26 V, Note 2
−
−
10
mV
Load Regulation
100
mA ≤ IOUT ≤ 200 mA, Note 2
−
−
10
mV
Adj Lead Current
Loop in Regulation
−
0.2
1.0
mA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, Note 2
250
−
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
−
−
−
15
75
30
25
150
55
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
−
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V ≤ VIN ≤ 26 V
60
−
−
dB
Thermal Shutdown
GBD
150
180
210
°C
VREF/ENABLE
Enable Voltage
−
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE
−
0.2
1.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. VOUT connected to Adj lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com