Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8182YDF8G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8182YDF8G
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182YDF8G Datasheet(HTML) 4 Page - ON Semiconductor

  CS8182YDF8G Datasheet HTML 1Page - ON Semiconductor CS8182YDF8G Datasheet HTML 2Page - ON Semiconductor CS8182YDF8G Datasheet HTML 3Page - ON Semiconductor CS8182YDF8G Datasheet HTML 4Page - ON Semiconductor CS8182YDF8G Datasheet HTML 5Page - ON Semiconductor CS8182YDF8G Datasheet HTML 6Page - ON Semiconductor CS8182YDF8G Datasheet HTML 7Page - ON Semiconductor CS8182YDF8G Datasheet HTML 8Page - ON Semiconductor CS8182YDF8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS8182
www.onsemi.com
4
TYPICAL CHARACTERISTICS
18
16
14
12
10
8
6
4
2
0
Figure 2. Quiescent Current vs. Output Current
0
20
40
60
80
100
120 140 160 180 200
OUTPUT CURRENT (mA)
Figure 3. Quiescent Current vs. Input Voltage
(Operating Mode)
1
0.9
0.8
0.7
0.6
0.5
0.3
0.2
0.1
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
0.4
Figure 4. Quiescent Current vs. Input Voltage
(Sleep Mode)
Figure 5. VOUT Reverse Current
Figure 6. VOUT Reverse Current
100
90
80
70
60
50
30
20
10
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
40
20
18
16
14
12
10
6
4
2
0
0
5
10
15
20
25
FORCED VOUT VOLTAGE (V)
8
140
120
100
80
60
40
20
0
0
5
10
15
20
25
FORCED VOUT VOLTAGE (V)
30
35
40
I (VOUT) = 20 mA
I (VOUT) = 1 mA
VREF/ ENABLE = 0 V
VIN = 6 V*
VREF = 5 V**
VIN = 0 V
* Graph is duplicate for VIN > 1.6 V.
**Dip (@5 V) shifts with VREF voltage.
VIN = 6 V*
VREF = 5 V**
VIN = 0 V
* Graph is duplicate for VIN > 1.6 V.
**Dip (@5 V) shifts with VREF voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com