Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8020BPHPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 2Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TUSB8020B
SLLSEF6A – JULY 2014 – REVISED JULY 2014
www.ti.com
Pin Functions (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
I
2C/SMBUS SIGNALS
I
2C clock/SMBus clock. Function of terminal depends on the setting of the SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial clock interface for an I
2C EEPROM.
I/O
SCL/SMBCLK
2
When SMBUSz = 0, this terminal acts as the serial clock interface for an SMBus host.
PD
This pin must be pulled up to use the OTP ROM.
Can be left unconnected if external interface not implemented.
I
2C data/SMBus data. Function of terminal depends on the setting of the SMBUSz input.
When SMBUSz = 1, this terminal acts as the serial data interface for an I
2C EEPROM.
I/O
SDA/SMBDAT
3
When SMBUSz = 0, this terminal acts as the serial data interface for an SMBus host.
PD
This pin must be pulled up to use the OTP ROM.
Can be left unconnected if external interface not implemented.
TEST AND MISCELLANEOUS SIGNALS
SMBUS mode / SuperSpeed USB Status for downstream port 2
The value of the terminal is sampled at the deassertion of reset to enable I
2C or SMBus mode.
I
0 = SMBus mode selected
SMBUSz/SS_DN2
22
PU
1 = I
2C mode selected
After reset, this signal indicates the SuperSpeed USB connection status of downstream port 2. A value of 1 indicates the
connection is SuperSpeed USB.
Power control polarity / SuperSpeed USB status for downstream port 1.
The value of the terminal is sampled at the deassertion of reset to set the polarity of PWRCTL[2:1].
I/O
0 = PWRCTL polarity is active high.
PWRCTL_POL/SS_DN1
21
PD
1 = PWRCTL polarity is active low.
After reset, this signal indicates the SuperSpeed USB connection status of downstream port 1. A value of 1 indicates the
connection is SuperSpeed USB.
Ganged operation enable/SMBus address bit 2/ high-speed status for upstream port
The value of the terminal is sampled at the deassertion of reset to set the power switch and over current detection mode as
follows:
0 = Individual power control supported when power switching is enabled.
GANGED/SMBA2/
I
35
1 = Power control gangs supported when power switching is enabled.
HS_UP
PU
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the SMBus slave address bit 2. SMBus slave
address bits 2 and 3 are always 1 for the TUSB8020B.
After reset, this signal indicates the high-speed USB connection status of the upstream port. A value of 1 indicates the upstream
port is connected to a high-speed USB capable port.
Full power management enable/ SMBus Address bit 1/ Super-Speed USB status for upstream port
The value of the terminal is sampled at the deassertion of reset to set the power switch control follows:
0 = Power switching supported
1 = Power switching not supported
Full power management is the ability to control power to the downstream ports of the TUSB8020B using
FULLPWRMGMTz/
36
I, PU
PWRCTL[2:1]/BATEN[2:1].
SMBA1/SS_UP
When SMBus mode is enabled using SMBUSz, this terminal sets the value of the SMBus slave address bit 1. SMBus slave
address bit 3 is always 1 for the TUSB8020B.
Can be left unconnected if full power management and SMBus are not implemented.
After reset, this signal indicates the SuperSpeed USB connection status of the upstream port. A value of 1 indicates the
upstream port is connected to a SuperSpeed USB capable port.
I
TEST mode enable. When this terminal is asserted high at reset enables test mode. This terminal is reserved for factory use. It
TEST
10
PD
is recommended to pull-down this terminal to ground.
POWER AND GROUND SIGNALS
1, 12, 18, 30,
VDD
PWR
1.1-V power rail
34, 45
7, 13, 23, 25,
VDD33
PWR
3.3-V power rail
33, 37, 40, 48
GND
PAD
—
Ground
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB8020B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com