Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVP7002IPZPR Datasheet(PDF) 49 Page - Texas Instruments

Part # TVP7002IPZPR
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TVP7002IPZPR Datasheet HTML 45Page - Texas Instruments TVP7002IPZPR Datasheet HTML 46Page - Texas Instruments TVP7002IPZPR Datasheet HTML 47Page - Texas Instruments TVP7002IPZPR Datasheet HTML 48Page - Texas Instruments TVP7002IPZPR Datasheet HTML 49Page - Texas Instruments TVP7002IPZPR Datasheet HTML 50Page - Texas Instruments TVP7002IPZPR Datasheet HTML 51Page - Texas Instruments TVP7002IPZPR Datasheet HTML 52Page - Texas Instruments TVP7002IPZPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
AVID Stop Pixel
Subaddress
42h–43h
Default (062Ch)
Subaddress
7
6
5
4
3
2
1
0
42h
AVID stop [7:0]
43h
Reserved
AVID stop [12:8]
AVID stop [12:0]: AVID stop pixel number. The number of pixels of active video must be an even number. This is an absolute pixel location
from the leading edge of HSYNC (start pixel 0).
The TVP7002 updates the AVID Stop only when the AVID Stop MSB byte is written to.
AVID stop pixel register also controls the position of EAV code.
VBLK Field 0 Start Line Offset
Subaddress
44h
Default (05h)
7
6
5
4
3
2
1
0
VBLK start 0 [7:0]
VBLK start 0 [7:0]: VBLK start line offset for field 0 relative to the leading edge of VSYNC. The VBLK start line offset value affects the
location of transitions on the embedded sync V-bit and VBLK of the Data Enable output, but not the VSYNC output (VSOUT). Unsigned
integer.
VBLK Field 1 Start Line Offset
Subaddress
45h
Default (05h)
7
6
5
4
3
2
1
0
VBLK start 1 [7:0]
VBLK start 1 [7:0]: VBLK start line offset for field 1 relative to the leading edge of VSYNC. The VBLK start line offset value affects the
location of transitions on the embedded sync V-bit and VBLK of the Data Enable output, but not the VSYNC output (VSOUT). Unsigned
integer.
VBLK Field 0 Duration
Subaddress
46h
Default (1Eh)
7
6
5
4
3
2
1
0
VBLK duration 0 [7:0]
VBLK duration 0 [7:0]: VBLK duration in lines for field 0.
VBLK Field 1 Duration
Subaddress
47h
Default (1Eh)
7
6
5
4
3
2
1
0
VBLK duration 1 [7:0]
VBLK duration 1 [7:0]: VBLK duration in lines for field 1.
F-bit Field 0 Start Line Offset
Subaddress
48h
Default (00h)
7
6
5
4
3
2
1
0
F-bit start 0 [7:0]
F-bit start 0 [7:0]: F-bit Field 0 start line offset relative to the leading edge of VSYNC, signed integer, set F-bit to 0 until field 1 start line, it
only applies in interlaced mode. For a non-interlace mode, F-bit is always set to 0.
NOTE: The field ID output (FIDOUT) is always aligned with the leading edge of the VSYNC output (VSOUT).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com