Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVP7002IPZPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TVP7002IPZPR
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002IPZPR Datasheet(HTML) 1 Page - Texas Instruments

  TVP7002IPZPR Datasheet HTML 1Page - Texas Instruments TVP7002IPZPR Datasheet HTML 2Page - Texas Instruments TVP7002IPZPR Datasheet HTML 3Page - Texas Instruments TVP7002IPZPR Datasheet HTML 4Page - Texas Instruments TVP7002IPZPR Datasheet HTML 5Page - Texas Instruments TVP7002IPZPR Datasheet HTML 6Page - Texas Instruments TVP7002IPZPR Datasheet HTML 7Page - Texas Instruments TVP7002IPZPR Datasheet HTML 8Page - Texas Instruments TVP7002IPZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
TRIPLE 8-/10-BIT 165-/110-MSPS
VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
Check for Samples: TVP7002
1
FEATURES
23
•
Analog Channels
•
Output Formatter
–
–6-dB to 6-dB Analog Gain
–
Supports 20-bit 4:2:2 Outputs With
Embedded Syncs
–
Analog Input Multiplexers (MUXs)
–
Support for RGB/YCbCr 4:4:4 and YCbCr
–
Automatic Video Clamp
4:2:2 Output Modes to Reduce Board
–
Three Digitizing Channels, Each With
Traces
Independently Controllable Clamp, Gain,
–
Dedicated DATACLK Output With
Offset, and Analog-to-Digital Converter
Programmable Output Polarity for Easy
(ADC)
Latching of Output Data
–
Clamping: Selectable Clamping Between
•
System
Bottom Level and Mid Level
–
Industry-Standard Normal/Fast I2C Interface
–
Offset: 1024-Step Programmable RGB or
With Register Readback Capability
YPbPr Offset Control
–
Space-Saving 100-Pin TQFP Package
–
Gain: 8-Bit Programmable Gain Control
–
Thermally-Enhanced PowerPAD™ Package
–
ADC: 8-/10-Bit 165-/110-MSPS ADC
for Better Heat Dissipation
–
Automatic Level Control (ALC) Circuit
–
Composite Sync: Integrated Sync-on-Green
APPLICATIONS
Extraction From Green/Luminance Channel
•
LCD TVs/Monitors/Projectors
–
Support for DC- and AC-Coupled Input
•
DLP TVs/Projectors
Signals
•
PDP TVs/Monitors
–
Supports Component Video Standards 480i,
•
LCOS TVs/Monitors
576i, 480p, 576p, 720p, 1080i, and 1080p
•
PCTV Set-Top Boxes
–
Supports PC Graphics Inputs up to UXGA
•
Digital Image Processing
–
Programmable RGB-to-YCbCr Color
Space Conversion
•
Video Capture/Video Editing
•
Horizontal PLL
•
Scan Rate/Image Resolution Converters
–
Fully Integrated Horizontal PLL for Pixel
•
Video Conferencing
Clock Generation
•
Video/Graphics Digitizing Equipment
–
12-MHz to 165-MHz Pixel Clock Generation
From HSYNC Input
–
Adjustable Horizontal PLL Loop Bandwidth
for Minimum Jitter
–
5-Bit Programmable Subpixel Accurate
Positioning of Sampling Phase
DESCRIPTION
The TVP7002 is a complete solution for digitizing video and graphic signals in RGB or YPbPr color spaces. The
device supports pixel rates up to 165 MHz. Therefore, it can be used for PC graphics digitizing up to the VESA
standard of UXGA (1600 × 1200) resolution at a 60-Hz screen refresh rate, and in video environments for the
digitizing of digital TV formats, including HDTV up to 1080p.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TVP7002IPZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZP TI-TVP70025IPZP Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025IPZPR TI-TVP70025IPZPR Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZP TI-TVP7002PZP Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP7002IPZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com