Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1100SLPE Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS1100SLPE
Description  1100 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1100SLPE Datasheet(HTML) 1 Page - Artesyn Technologies

  DS1100SLPE Datasheet HTML 1Page - Artesyn Technologies DS1100SLPE Datasheet HTML 2Page - Artesyn Technologies DS1100SLPE Datasheet HTML 3Page - Artesyn Technologies DS1100SLPE Datasheet HTML 4Page - Artesyn Technologies DS1100SLPE Datasheet HTML 5Page - Artesyn Technologies DS1100SLPE Datasheet HTML 6Page - Artesyn Technologies DS1100SLPE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
DS1100SLPE
1100 Watts Distributed Power System
Front-end Bulk Power
Total Output Power:
1100 W continuous
Wide Input Voltage:
90 to 264 Vac
SPECIAL FEATURES
ƒ
1100 W output power
ƒ
High-power and short form factor
ƒ
1U power supply
ƒ
High-density design: 26 W/in3
ƒ
Active Power Factor Correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Inrush current control
ƒ
80plus Platinum Efficiency
ƒ
N+1 or N+N Redundant
ƒ
Hot-pluggable
ƒ
Active current sharing
ƒ
Full digital control
ƒ
PMBus compliant
ƒ
Accurate input power reporting
ƒ
Compatible with Artesyn’s Universal
PMBus GUI
ƒ
Reverse airflow option
ƒ
Two-year warranty
COMPLIANCE
ƒ
EMI Conducted/Radiated Class A
Limits + 6 dB margin
ƒ
EN61000-4 Electromagnetic
compatibility
ƒ
ROHS 6/6
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
DEMKO+ CB Report EN60950
ƒ
CE Mark
ƒ
China CCC
ƒ
BSMI
Electrical Specifications
Input
Input range
90 - 264 Vac
Frequency
47 Hz to 63 Hz
Efficiency
94.0% peak
Max input current
14.5 Arms
Inrush current
55 Apk
Conducted EMI
Class A +6 dB margin
Radiated EMI
Class A +6 dB margin
Power factor
> 0.9 beginning at 20% load
ITHD
10%
Leakage current
1.75 mA
Hold-up time
16 ms at full load
Output
Main DC Output
Standby DC Output
MIN
NOM
MAX
MIN
NOM
MAX
Nominal setting
-1%
12
+1%
-1%
3.3
1%
Total output regulation range
11.64 V
12
12.36 V
3.14 V
3.3
3.46 V
Dynamic load regulation range
11.64 V
12.36 V
3.14 V
3.46 V
Output ripple
180 mVp-p
45 mVp-p
Output current
0.5 A1
90.0 A
0.1 A
3.0 A
Current sharing
Within ±5.625A of each other from
25% to 100% load
N/A
Capacitive loading
500 uF
11,000 uF
100 uF
680 uF
Start-up from AC to output
2200 ms
1700 ms
Output rise time
5 ms
50 ms
2 ms
60 ms
Note: Outputs shall be isolated from the chassis ground by at least 50 V.
1
Minimum starting current for transient load response testing only. Unit is designed to operate and be within output regulation at zero load.
Data Sheet


Similar Part No. - DS1100SLPE

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
DS1100SLPE ADVANCEDENERGY-DS1100SLPE Datasheet
598Kb / 9P
1100 Watts Distributed Power System
01 12.14
logo
Artesyn Technologies
DS1100SLPE-3 ARTESYN-DS1100SLPE-3 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results

Similar Description - DS1100SLPE

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
850 Watts 48V Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
logo
Artesyn Technologies
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
1100 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
2900 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com