Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9555 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9555
Description  9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9555 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9555 Datasheet HTML 3Page - STMicroelectronics STV9555 Datasheet HTML 4Page - STMicroelectronics STV9555 Datasheet HTML 5Page - STMicroelectronics STV9555 Datasheet HTML 6Page - STMicroelectronics STV9555 Datasheet HTML 7Page - STMicroelectronics STV9555 Datasheet HTML 8Page - STMicroelectronics STV9555 Datasheet HTML 9Page - STMicroelectronics STV9555 Datasheet HTML 10Page - STMicroelectronics STV9555 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STV9555
7/24
6
THEORY OF OPERATION
6.1
General
The STV9555 is a three-channel video amplifier supplied by a low supply voltage: VCC (typ.12V) and a
high supply voltage: VDD (up to 115V).
The high values of VDD supplying the amplifier output stage allow direct control of the CRT cathodes (DC
coupling mode).
In DC coupling mode, the application schematic is very simple and only a few external components are
needed to drive the cathodes. In particular, there is no need of the DC-restore circuitry which is used in
classical AC coupling applications.
The output voltage range is wide enough (Figure 2) to provide simultaneously :
– Cut-off adjustment (typ. 25V)
– Video contrast (typ. up to 40V),
– Brightness (with the remaining voltage range).
In normal operation, the output video signal must remain inside the linear region whatever the cut-off,
brightness and contrast adjustments are.
Figure 2. Output signal, level adjustments
(A) Top Non-Linear Region
VDD
(E) Bottom Non-Linear Region
GND
Blanking pulse
Video Signal
(B) Cut-off Adjust. (25V Typ.)
(C) Brightness Adjust. (10V Typ.)
(D) Contrast Adjust. (40V Typ.)
15V
17V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com