Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV9555 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV9555
Description  9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9555 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV9555 Datasheet HTML 2Page - STMicroelectronics STV9555 Datasheet HTML 3Page - STMicroelectronics STV9555 Datasheet HTML 4Page - STMicroelectronics STV9555 Datasheet HTML 5Page - STMicroelectronics STV9555 Datasheet HTML 6Page - STMicroelectronics STV9555 Datasheet HTML 7Page - STMicroelectronics STV9555 Datasheet HTML 8Page - STMicroelectronics STV9555 Datasheet HTML 9Page - STMicroelectronics STV9555 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
STV9555
6/24
ELECTRICAL CHARACTERISTICS (continued)
Note 4: Matching measured between each channel.
Note 5: PICTURE BOOST condition (video amplitude at 50V or above) is used in some applications when displaying
still picture or moving video. In this condition the high level of contrast improves the pictures quality at the
expense of the video performances (tR, tF and Overshoot) which are slightly deteriorated.
Figure 1. AC test circuit
Symbol
Parameter
Test Conditions
Min.
Typ
Max
Unit
DYNAMIC parameters (see Figure 1)
tR
Rise time
VDC=50V, ∆V=40VPP
8.3
ns
tF
Fall time
VDC=50V, ∆V=40VPP
10.3
ns
OSR
Overshoot, white to black transition
5
%
OSF
Overshoot, black to white transition
0
%
∆G
Low frequency gain matching (Note 4)VDC = 50V, f=1MHz
5
%
BW
Bandwidth at -3dB
VDC=50V, ∆V=20VPP
37
MHz
tSET
2.5% Settling time
VDC=50V, ∆V=40VPP
15
ns
CTL
Low frequency crosstalk
VDC=50V, ∆V=20VPP
f = 1 MHz
50
dB
CTH
High frequency crosstalk
VDC=50V, ∆V=20VPP
f = 20MHz
32
dB
DYNAMIC parameter in PICTURE BOOST condition (Note 5)
tPB
Rise/fall time
VDC=50V, ∆V=60VPP
12
ns
OSPB
Overshoot white to black or black to white
transition
VDC=50V, ∆V=60VPP
9%
STV9555
50
Ω
IN
CL=8pF
GNDP
OUT RP = 200 Ω
11
7
3
VDD
VCC
110V
12V
∆V
VDC
VREF
8
1
5
GNDA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com