Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM20022ITQFP Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 30Page - SMSC Corporation COM20022ITQFP Datasheet HTML 31Page - SMSC Corporation COM20022ITQFP Datasheet HTML 32Page - SMSC Corporation COM20022ITQFP Datasheet HTML 33Page - SMSC Corporation COM20022ITQFP Datasheet HTML 34Page - SMSC Corporation COM20022ITQFP Datasheet HTML 35Page - SMSC Corporation COM20022ITQFP Datasheet HTML 36Page - SMSC Corporation COM20022ITQFP Datasheet HTML 37Page - SMSC Corporation COM20022ITQFP Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 34
SMSC COM20022I
DATASHEET
ID bit, Excessive NAK bit, Reconfiguration Timer bit, and Transmitter Available bit. DMAEND bit is
inverted DMAEN bit on ADDRESS PTR High register. No other Status or Diagnostic Status bits can
generate an interrupt.
The six maskable status bits are ANDed with their respective mask bits, and the results are ORed to
produce the interrupt signal. An RI or TA interrupt is masked when the corresponding mask bit is reset to
logic "0", but will reappear when the corresponding mask bit is set to logic "1" again, unless the interrupt
status condition has been cleared by this time. A RECON interrupt is cleared when the "Clear Flags"
command is issued. An EXCNAK interrupt is cleared when the "POR Clear Flags" command is issued. A
New Next ID interrupt is cleared by reading the Next ID Register. If the DMAEND bit is not masked, the
interrupt occurs by finishing the DMA operation. The Interrupt Mask Register defaults to the value 0000
0000 upon hardware reset.
6.2.2
Data Register
This read/write 8-bit register is used as the channel through which the data to and from the RAM passes.
The data is placed in or retrieved from the address location presently specified by the address pointer.
The contents of the Data Register are undefined upon hardware reset. In case of READ operation, the
Data Register is loaded with the contents of COM20022I Internal Memory upon writing Address Pointer
low only once.
The SWAP bit is used to swap the upper and lower data byte. The SWAP bit is located at bit 0 of
ADDRESS PTR_LOW register. When 16 bit access is enabled, (W16=1), A0 becomes the SWAP bit.
6.2.3
Tentative ID Register
The Tentative ID Register is a read/write 8-bit register accessed when the Sub Address Bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Tentative ID Register
can be used while the node is on-line to build a network map of those nodes existing on the network. It
minimizes the need for operator interaction with the network. The node determines the existence of other
nodes by placing a Node ID value in the Tentative ID Register and waiting to see if the Tentative ID bit of
the Diagnostic Status Register gets set. The network map developed by this method is only valid for a
short period of time, since nodes may join or depart from the network at any time. When using the
Tentative ID feature, a node cannot detect the existence of the next logical node to which it passes the
token. The Next ID Register will hold the ID value of that node. The Tentative ID Register defaults to the
value 0000 0000 upon hardware reset only.
6.2.4
Node ID Register
The Node ID Register is a read/write 8-bit register accessed when the Sub Address Bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Node ID Register
contains the unique value which identifies this particular node. Each node on the network must have a
unique Node ID value at all times. The Duplicate ID bit of the Diagnostic Status Register helps the user
find a unique Node ID. Refer to the Initialization Sequence section for further detail on the use of the
DUPID bit. The core of the COM20022I does not wake up until a Node ID other than zero is written into
the Node ID Register. During this time, no microcode is executed, no tokens are passed by this node, and
no reconfigurations are caused by this node. Once a non-zero NodeID is placed into the Node ID
Register, the core wakes up but will not join the network until the TXEN bit of the Configuration Register is
set. While the Transmitter is disabled, the Receiver portion of the device is still functional and will provide
the user with useful information about the network. The Node ID Register defaults to the value 0000 0000
upon hardware reset only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com