Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3909T-I/SS Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3909T-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-I/SS Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3909T-I/SS Datasheet HTML 28Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 29Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 30Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 31Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 32Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 33Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 34Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 35Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MCP3909
DS22025C-page 32
 2006-2012 Microchip Technology Inc.
6.0
APPLICATIONS INFORMATION
The following application figures represent meter
designs using the MCP3909 device. Some of these
applications ideas are available as fully function meter
reference designs and demo boards. For complete
schematic and for fully function meter designs, visit
Microchip’s web page for demo board and reference
design availability.
6.1
Performing RMS, Apparent Power,
and Active Power using MCP3909
Waveform Data
Figure 6-1 represents power calculations from wave-
form data based on a PIC MCU and MCP3909 device.
The PIC MCU accomplishes the following energy
meter calculation outputs per phase, per line cycle:
- RMS Current
-RMS Voltage
-Active Power
- Apparent Power
Output registers for the power quantities and calibra-
tion registers for phase, offset, gain, and LSB adjust-
ment are available through a serial interface to the PIC
microcontroller. See Microchip’s web page for firmware
solution and demo board.
The example signal flow here shows 4 output power
quantities and 6 calibration registers. For a 60 Hz
design that is using 128 samples per line cycle for the
power calculation the MCP3909 would have a new
data ready pulse every 130 µs. The SPI communica-
tion to gather 16-bits x 2 channels at 10 MHz is approx-
imately 3.2 µs, leaving ~125 µs for the power
calculations before the next sample is ready.
.
FIGURE 6-1:
Power Calculations from Waveform Sampling Using a PIC MCU. Register names
shown are used on MCP3909 Energy Meter Reference Design.
X
X2
S
X
S
X
PHA_W_OFF:32
PHA_W_GAIN:16
F
PHA_DELAY:8
X2
S
PHA_V_RMS_OFF:16
X
PHA_VA_GAIN:16
ADC
ADC
CURRENT
VOLTAGE
Active Power
RMS Current
RMS Voltage
Apparent Power
MCP3909
PHA_I_RMS_OFF:16
PIC Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com