Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3909T-I/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3909T-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-I/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3909T-I/SS Datasheet HTML 7Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 8Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 9Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 10Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 11Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 12Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 13Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 14Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 11
MCP3909
Note: Unless otherwise specified, DVDD, AVDD = 5V; AGND, DGND = 0V; VREF = Internal, HPF = 1 (AC mode),
MCLK = 3.58 MHz, CH1 input = 660 mVP-P at 50 Hz, CH0 amplitude sweeps at 50 Hz.
FIGURE 2-13:
Channel 0 Offset Error
(DC Mode, HPF off, G = 1, PF = 1).
FIGURE 2-14:
Channel 0 Offset Error
(DC Mode, HPF off, G = 2, PF = 1).
FIGURE 2-15:
Channel 0 Offset Error
(DC Mode, HPF off, G = 8, PF = 1).
FIGURE 2-16:
Channel 0 Offset Error
(DC Mode, HPF Off, G = 16, PF = 1).
0
500
1000
1500
2000
2500
3000
-1.77
-1.68
-1.59
-1.50
Bin (mV)
16,384 Samples
Mean = -1.62 mV
Std. Dev = 54.6 µV
0
500
1000
1500
2000
2500
3000
Bin (mV)
16384 Samples
Mean = -1.20 mV
Std. Dev. = 25.1 µV
0
200
400
600
800
1000
1200
Bin (mV)
16384 Samples
Mean = -1.65 mV
Std. Dev = 16.99 µV
0
100
200
300
400
500
600
-1.30
-1.25
-1.23
-1.20
-1.17
Bin (mV)
16384 Samples
Mean = - 17.91 mV
Std. Dev = - 1.22 µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com