Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905LT-E/SS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3905LT-E/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905LT-E/SS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3905LT-E/SS Datasheet HTML 11Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 12Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 13Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 14Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 15Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 16Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 17Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 18Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© 2006-2011 Microchip Technology Inc.
DS22011B-page 15
MCP3905A/05L/06A
4.0
DEVICE OVERVIEW
The MCP3905A/05L/06A devices are energy metering
ICs that supply a frequency output proportional to
active (real) power, and higher frequency output
proportional to the instantaneous power for meter
calibration. Both channels use 16-bit, second-order,
delta-sigma ADCs that oversample the input at a
frequency equal to MCLK/4, allowing for wide dynamic
range input signals. A Programmable Gain Amplifier
(PGA) increases the usable range on the current input
channel (Channel 0). The calculation of the active
power, and the filtering associated with this calculation
is performed in the digital domain, ensuring better
stability and drift performance. Figure 4-1 represents
the
simplified
block
diagram
of
the
MCP3905A/05L/06A,
detailing
its
main
signal
processing blocks.
Two digital high-pass filters cancel the system offset on
both channels such that the real-power calculation
does not include any circuit or system offset. After
being high-pass filtered, the voltage and current signals
are multiplied to give the instantaneous power signal.
This signal does not contain the DC offset components,
such that the averaging technique can be efficiently
used to give the desired active-power output.
The instantaneous power signal contains the real-
power information; it is the DC component of the
instantaneous power. The averaging technique can be
used
with
both
sinusoidal
and
non-sinusoidal
waveforms, as well as for all power factors. The
instantaneous power is thus low-pass filtered in order
to produce the instantaneous real-power signal.
A digital-to-frequency converter accumulates the
instantaneous active real power information to produce
output pulses with a frequency proportional to the
average real power. The low-frequency pulses present
at the FOUT0 and FOUT1 outputs are designed to drive
electromechanical counters and two-phase stepper
motors displaying the real-power energy consumed.
Each pulse corresponds to a fixed quantity of real
energy, selected by the F2, F1 and F0 logic settings.
The HFOUT output has a higher frequency setting and
less integration period such that it can represent the
instantaneous real-power signal. Due to the shorter
accumulation time, it enables the user to proceed to
faster calibration under steady load conditions (see
Section 4.7
“FOUT0/1
and
HFOUT
Output
Frequencies”).
FIGURE 4-1:
Simplified MCP3905A/05L/06A Block Diagram with Frequency Contents.
HPF
...
1
0
1
0
..
DTF
–
+
ADC
–
+
PGA
LPF
HPF
X
CH0+
CH0-
CH1+
CH1-
ADC
FOUT0
FOUT1
HFOUT
0
0
MCP3905
Input Signal with
System Offset and
Line Frequency
ADC Output Code
Contains System
and ADC Offset
DC Offset
Removed by HPF
Instantaneous
Power
Instantaneous
Real Power
0
0
0
Frequency
Content
ANALOG
DIGITAL
MCP390X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com