Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905LT-E/SS Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3905LT-E/SS
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905LT-E/SS Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3905LT-E/SS Datasheet HTML 14Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 15Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 16Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 17Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 18Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 19Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 20Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 21Page - Microchip Technology MCP3905LT-E/SS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP3905A/05L/06A
DS22011B-page 18
© 2006-2011 Microchip Technology Inc.
The multiplier output gives the product of the two high-
pass filtered channels, corresponding to instantaneous
real power. Multiplying two sine wave signals by the
same
ω frequency gives a DC component and a 2ω
component. The instantaneous power signal contains
the real power of its DC component, while also contain-
ing 2
ω components coming from the line frequency
multiplication. These 2
ω components come for the line
frequency (and its harmonics) and must be removed in
order to extract the real-power information. This is
accomplished using the low-pass filter and DTF
converter.
4.6
Low-Pass Filter and DTF
Converter
The MCP3905A/05L/06A low-pass filter is a first-order
IIR filter that extracts the active real-power information
(DC component) from the instantaneous power signal.
The magnitude response of this filter is detailed in
Figure 4-5. Due to the fact that the instantaneous power
signal has harmonic content (coming from the 2
ω
components of the inputs), and since the filter is not
ideal, there will be some ripple at the output of the low-
pass filter at the harmonics of the line frequency.
The cut-off frequency of the filter (8.9 Hz) has been
chosen to have sufficient rejection for commonly-used
line frequencies (50 Hz and 60 Hz). With a standard
input clock (MCLK = 3.58 MHz) and a 50 Hz line
frequency, the rejection of the 2
ω component (100 Hz)
will be more than 20 dB. This equates to a 2
ω
component containing 10 times less power than the
main DC component (i.e., the average active real
power).
FIGURE 4-5:
LPF Magnitude Response
(MCLK = 3.58 MHz).
The output of the low-pass filter is accumulated in the
digital-to-frequency converter. This accumulation is
compared to a different digital threshold for FOUT0/1
and HFOUT, representing a quantity of real energy mea-
sured by the part. Every time the digital threshold on
FOUT0/1 or HFOUT is crossed, the part will output a
pulse (See Section 4.7 “FOUT0/1 and HFOUT Output
Frequencies”).
The equivalent quantity of real energy required to
output a pulse is much larger for the FOUT0/1 outputs
than the HFOUT. This is such that the integration period
for the FOUT0/1 outputs is much larger. This larger
integration period acts as another low-pass filter so that
the output ripple due to the 2
ω components is minimal.
However, these components are not totally removed,
since realized low-pass filters are never ideal. This will
create a small jitter in the output frequency. Averaging
the output pulses with a counter or a MCU in the
application will then remove the small sinusoidal
content of the output frequency and filter out the
remaining 2
ω ripple.
HFOUT is intended to be used for calibration purposes
due to its instantaneous power content. The shorter
integration period of HFOUT demands that the 2ω
component be given more attention. Since a sinusoidal
signal average is zero, averaging the HFOUT signal in
steady-state conditions will give the proper real energy
value.
4.7
FOUT0/1 and HFOUT Output
Frequencies
The thresholds for the accumulated energy are
different for FOUT0/1 and HFOUT (i.e., they have
different transfer functions). The FOUT0/1 allowed
output frequencies are quite low in order to allow
superior integration time (see Section 4.6 “Low-Pass
Filter and DTF Converter”). The FOUT0/1 output
frequency can be calculated with the following
equation:
EQUATION 4-1:
FOUT FREQUENCY
OUTPUT EQUATION
For a given DC input V, the DC and RMS values are
equivalent. For a given AC input signal with peak-to-
peak amplitude of V, the equivalent RMS value is
V/sqrt(2), assuming purely sinusoidal signals. Note
that since the real power is the product of two RMS
inputs, the output frequencies of AC signals are half of
the DC inputs ones, again assuming purely sinusoidal
AC signals. The constant FC depends on the FOUT0
and FOUT1 digital settings. Table 4-3 shows FOUT0/1
output frequencies for the different logic settings.
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (Hz)
F
OUT Hz
()
8.06
V
0
×
V
1
×
GF
C
×
×
V
REF
()2
-----------------------------------------------------------
=
Where:
V0 is the RMS differential voltage on Channel 0
V1 is the RMS differential voltage on Channel 1
G is the PGA gain on Channel 0 (current channel)
FC is the frequency constant selected
VREF is the voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com