Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3985IM5-3.2/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-3.2/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-3.2/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3985IM5-3.2/NOPB Datasheet HTML 1Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 2Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 3Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 4Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 5Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 6Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 7Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 8Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
A3
A1
C3
C1
B2
BYPASS
IN
EN
OUT
GND
4
BYPASS
5
OUT
EN
3
GND
2
IN
1
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
5 Pin Configuration and Functions
DBV Package
5 Pin SOT-23
Top View
YZR Package
5 Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
DSBGA
SOT-23
NAME
NUMBER(1)
NUMBER
BYPASS
A3
4
I/O
Optional bypass capacitor for noise reduction
EN
A1
3
I
Enable input logic, enable high
GND
B2
2
GND
Common ground
IN
C3
1
I
Input voltage of the LDO
OUT
C1
5
O
Output voltage of the LDO
(1)
The pin numbering scheme for the DSBGA package was revised in April 2002 to conform to JEDEC standard. Only the pin numbers
were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering
scheme had VEN as pin 1, GND as pin 2, VOUT as pin 3, VIN as pin 4, and BYPASS as pin 5.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com