Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3985IM5-3.2/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-3.2/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-3.2/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3985IM5-3.2/NOPB Datasheet HTML 1Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 2Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 3Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 4Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 5Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 6Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 7Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 8Page - Texas Instruments LP3985IM5-3.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LP3985
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
IN, EN
–0.3
6.5
V
OUT
−0.3
(VIN + 0.3) < 6.5
Junction temperature
150
Lead temperature
235
°C
Pad temperature(4)
235
SOT-23(5)
364
Maximum power dissipation
mW
DSBGA(5)
314
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Additional information on lead temperature and pad temperature can be found in Texas Instruments Application Note AN-1187 Leadless
Leadframe Package (LLP) (SNOA401).
(5)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula: PD = (TJ -
TA)/RθJA,where TJ is the junction temperature, TA is the ambient temperature, and RθJA is the junction-to-ambient thermal resistance.
The 364-mW rating for SOT23-5 appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150°C for TJ, 70°C for TA, and 220°C/W for RθJA. More power can be dissipated safely at ambient temperatures below
70°C . Less power can be dissipated safely at ambient temperatures above 70°C. The Absolute Maximum power dissipation can be
increased by 4.5 mW for each degree below 70°C, and it must be derated by 4.5 mW for each degree above 70°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage
2.5(1)
6
V
VEN
ON/OFF input voltage
0
VIN
V
IOUT
Output current
150
mA
TJ
Operating junction temperature
−40
125
°C
(1)
Recommended minimum VIN is the greater of 2.5-V or VOUT(MAX) + rated dropout voltage (max) for operating load current.
6.4 Thermal Information
LP3985
THERMAL METRIC(1)
SOT-23 (DBV)
DSBGA (YZR)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
220
255
RθJC(top)
Junction-to-case (top) thermal resistance
79.8
0.8
RθJB
Junction-to-board thermal resistance
31.6
107.9
°C/W
ψJT
Junction-to-top characterization parameter
3.1
0.5
ψJB
Junction-to-board characterization parameter
31.1
107.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com