Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTCH6102T-I/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MTCH6102T-I/SS
Description  MTCH6102 Low-Power Projected Capacitive Touch Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6102T-I/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MTCH6102T-I/SS Datasheet HTML 17Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 18Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 19Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 20Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 21Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 22Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 23Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 24Page - Microchip Technology MTCH6102T-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
 2014 Microchip Technology Inc.
DS40001750A-page 21
MTCH6102
13.0 BASELINE
Capacitive touch principles rely on analyzing a change
in capacitance from a previously-stored baseline value
(sometimes referred to as a calibration value). Baseline
routines and behavior can be tweaked using the
registers listed in Table 13-1.
13.1
BS Bit (CMD Register)
The BS bit forces the current sensor values to be
stored as the baseline values, disregarding the
constraints
of
BASEPOSFILTER
and
BASENEGFILTER.
13.2
BASEINTERVAL
It represents the number of touch frames between
baseline sampling. Data that is sampled will be applied
at the next baseline interval, provided that a touch has
not occurred between the two.
If at any point, the touch threshold is breached, the
baseline counter is reset, and a full interval without a
touch must occur before baselining resumes.
Note that this value is specified in terms of the number
of touch frames, so any changes in frame rate should
take this into consideration by raising or lowering this
interval accordingly.
13.3
BASEPOSFILTER/BASENEGFILTER
The positive and negative filters act as slew-rate
limiters for a new baseline being applied. For example,
if the new baseline value is larger than the previous by
a value of 35, and the BASEPOSFILTER is set to 20
(default), the new baseline will only be increased by 20.
Use of these registers helps prevent unwanted spikes
in the baseline value.
13.4
BASEFILTERTYPE/
BASEFILTERSTRENGTH
Baseline acquisition frames follow the same filter type
and strength parameters as normal acquisition filters,
defined
in
Section 11.3
“FILTERTYPE/FILTER-
STRENGTH”.
TABLE 13-1:
REGISTERS ASSOCIATED WITH BASELINE
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2 Bit 1
Bit 0
Default
0x04
NV
DEF
CFG
-
MFG
-
-BS
0
0x2D
BASEINTERVALL
10
0x2E
BASEINTERVALH
0
0x2F
BASEPOSFILTER
20
0x30
BASENEGFILTER
20
0x33
BASEFILTERTYPE
2
0x34
BASEFILTERSTRENGTH
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com