Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41AB3IPFPEP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSB41AB3IPFPEP Datasheet HTML 16Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 17Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 18Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 19Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 20Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 21Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 22Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 23Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration (continued)
Table 4. Page 0 (Port Status) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
AStat
2
Rd
TPA line state. This field indicates the TPA line state of the selected port, encoded as follows:
Code
Arb Value
11
Z
01
1
10
0
00
invalid
BStat
2
Rd
TPB line state. This field indicates the TPB line state of the selected port. This field has the same encoding as
the Astat field.
Ch
1
Rd
Child/parent status. A 1 indicates that the selected port is a child port. A 0 indicates that the selected port is the
parent port. A disconnected, disabled, or suspended port is reported as a child port. The Ch bit is invalid after a
bus-reset until tree-ID has completed.
Con
1
Rd
Debounced port connection status. This bit indicates that the selected port is connected. The connection must
be stable for the debounce time of approximately 341 ms for the con bit to be set to 1. The con bit is reset to 0 by
hardware reset and is unaffected by bus-reset.
NOTE: The con bit indicates that the port is physically connected to a peer PHY, but the port is not necessarily
active.
Bias
1
Rd
Debounced incoming cable bias status. A 1 indicates that the selected port is detecting incoming cable bias.
The incoming cable bias must be stable for the debounce time of 52
µs for the bias bit to be set to 1.
Dis
1
Rd/Wr
Port disabled control. If 1, the selected port is disabled. The dis bit is reset to 0 by hardware reset (all ports are
enabled for normal operation following hardware reset). The dis bit is not affected by bus-reset.
Peer_Speed
3
Rd
Port peer speed. This field indicates the highest speed capability of the peer PHY connected to the selected
port, encoded as follows:
Code
Peer Speed
000
S100
001
S200
010
S400
011−111
invalid
The Peer_Speed field is invalid after a bus-reset until self-ID has completed.
NOTE: Peer speed codes higher than 010b (S400) are defined in 1394a-2000. However, the TSB41AB3 is only
capable of detecting peer speeds up to S400.
PIE
1
Rd/Wr
Port event interrupt enable. When set to 1, a port event on the selected port sets the port event interrupt (PEI) bit
and notify the link. This bit is reset to 0 by a hardware reset, and is unaffected by bus-reset.
Fault
1
Rd/Wr
Fault. This bit indicates that a resume-fault or suspend-fault has occurred on the selected port, and that the port
is in the suspended state. A resume-fault occurs when a resuming port fails to detect incoming cable bias from
its attached peer. A suspend-fault occurs when a suspending port continues to detect incoming cable bias from
its attached peer. Writing 1 to this bit clears the fault bit to 0. This bit is reset to 0 by hardware reset and is
unaffected by bus-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com