Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41AB3IPFPEP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB41AB3IPFPEP Datasheet HTML 21Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 22Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 23Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 24Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 25Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 26Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 27Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 28Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
NOTE A: See Crystal Selection section
21 22 23 24 25 26 27 28
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68 67 66 65
34 35 36
TSB41AB3
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
6.34 k
Ω
± 1%
Link Pulse
or Pullup to
VDD
Power Down
17
18
19
20
D3
D5
DGND
CTL0
CTL1
DV
D0
D1
LREQ
D6
D7
DGND
CNA
PD
LPS
D2
SYSCLK
D4
DGND
DD
V DD-5V
37 38 39 40
TPB1+
TPA2+
TPA2−
TPB2+
TPB2−
TPBIAS1
TPA1+
AV
TPBIAS0
TPA0+
TPA0−
AGND
TPBIAS2
TPB0+
TPB0−
TPA1−
TPB1−
AGND
AV DD
DD
AV DD
44
43
42
41
64 63 62 61
VDD
C9
(see
Note A)
0.001
µF
0.1
µF
10 k
Ω
0.1
µF
1
µF
VDD
Link VDD
CNA Out
TP Cables
Interface
Connection
VDD
TPBIAS
TP Cables
Interface
Connection
VDD
1
µF
TPBIAS
TP Cables
Interface
Connection
1
µF
TPBIAS
0.1
µF
0.1
µF
0.001
µF
0.001
µF
0.001
µF
0.01
µF
0.001
µF
C10
(see
Note A)
Figure 10. External Component Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com