Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3914 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3914 Datasheet HTML 1Page - Microchip Technology MCP3914 Datasheet HTML 2Page - Microchip Technology MCP3914 Datasheet HTML 3Page - Microchip Technology MCP3914 Datasheet HTML 4Page - Microchip Technology MCP3914 Datasheet HTML 5Page - Microchip Technology MCP3914 Datasheet HTML 6Page - Microchip Technology MCP3914 Datasheet HTML 7Page - Microchip Technology MCP3914 Datasheet HTML 8Page - Microchip Technology MCP3914 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 3
MCP3914
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
V
DD ..................................................................... -0.3V to 4.0V
Digital inputs and outputs w.r.t. AGND................--0.3V to 4.0V
Analog input w.r.t. AGND..................................... ....-2V to +2V
VREF input w.r.t. AGND............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 1.5 kV, 300V
ESD on all other pins (HBM,MM) ...........................2 kV, 300V
† Notice
: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other condi-
tions, above those indicated in the operational listings
of this specification, is not implied. Exposure to maxi-
mum rating conditions for extended periods may affect
device reliability.
1.1
Electrical Specifications
TABLE 1-1:
ANALOG SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6 V, MCLK = 4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10, VCM =0V;
TA = -40°C to +125°C;VIN = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
ADC Performance
Resolution
(No missing codes)
24
—
—
bits
OSR = 256 or greater
Sampling Frequency
fS(DMCLK)
—
1
4
MHz
For maximum condition,
BOOST<1:0> = 11
Output Data Rate
fD(DRCLK)
—
4
125
ksps
For maximum condition,
BOOST<1:0> = 11,
OSR = 32
Analog Input Absolute
Voltage on CHn+/- pins,
n between 0 and 7
CHn+/-
-1
—
+1
V
All analog input channels,
measured to AGND
Analog Input
Leakage Current
IIN
—
+/-1
—
nA
RESET<7:0> = 11111111,
MCLK running continuously
Differential Input
Voltage Range
(CHn+-CHn-) -600/GAIN — +600/GAIN
mV
VREF =1.2V,
proportional to VREF
Offset Error
VOS
-1
0.2
1
mV
Note 5
Offset Error Drift
—
0.5
—
µV/°C
Gain Error
GE
-4
—
+4
%
Note 5
Gain Error Drift
—
1
—
ppm/°C
Note 1:
Dynamic Performance specified at -0.5 dB below the maximum differential input value,
VIN =1.2 VPP = 424 mVRMS @ 50/60 Hz, VREF = 1.2V. See Section 4.0 “Terminology And Formulas” for definition.
This parameter is established by characterization and not 100% tested.
2:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 00000000,
RESET<7:0> = 00000000, VREFEXT = 0, CLKEXT = 0.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 11111111,
VREFEXT = 1, CLKEXT = 1.
4:
Measured on one channel versus all others channels. The average of crosstalk performance over all channels
(see Figure 2-32 for individual channel performance).
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical
performance.
6:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part with no damage.
7:
For proper operation and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com